Electronic Components Datasheet Search
  English  ▼

X  

X5043 Datasheet(PDF) 20 Page - Xicor Inc.

Part # X5043
Description  CPU Supervisor with 4K SPI EEPROM
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X5043 Datasheet(HTML) 20 Page - Xicor Inc.

Back Button X5043 Datasheet HTML 12Page - Xicor Inc. X5043 Datasheet HTML 13Page - Xicor Inc. X5043 Datasheet HTML 14Page - Xicor Inc. X5043 Datasheet HTML 15Page - Xicor Inc. X5043 Datasheet HTML 16Page - Xicor Inc. X5043 Datasheet HTML 17Page - Xicor Inc. X5043 Datasheet HTML 18Page - Xicor Inc. X5043 Datasheet HTML 19Page - Xicor Inc. X5043 Datasheet HTML 20Page - Xicor Inc.  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
X5043/X5045
Characteristics subject to change without notice.
20 of 20
REV 1.1.2 5/29/01
www.xicor.com
©Xicor, Inc. 2001 Patents Pending
LIMITED WARRANTY
Devices sold by Xicor, Inc. are covered by the warranty and patent indemnification provisions appearing in its Terms of Sale only. Xicor, Inc. makes no warranty,
express, statutory, implied, or by description regarding the information set forth herein or regarding the freedom of the described devices from patent infringement.
Xicor, Inc. makes no warranty of merchantability or fitness for any purpose. Xicor, Inc. reserves the right to discontinue production and change specifications and prices
at any time and without notice.
Xicor, Inc. assumes no responsibility for the use of any circuitry other than circuitry embodied in a Xicor, Inc. product. No other circuits, patents, or licenses are implied.
COPYRIGHTS AND TRADEMARKS
Xicor, Inc., the Xicor logo, E2POT, XDCP, XBGA, AUTOSTORE, Direct Write cell, Concurrent Read-Write, PASS, MPS, PushPOT, Block Lock, IdentiPROM,
E2KEY, X24C16, SecureFlash, and SerialFlash are all trademarks or registered trademarks of Xicor, Inc. All other brand and product names mentioned herein are
used for identification purposes only, and are trademarks or registered trademarks of their respective holders.
U.S. PATENTS
Xicor products are covered by one or more of the following U.S. Patents: 4,326,134; 4,393,481; 4,404,475; 4,450,402; 4,486,769; 4,488,060; 4,520,461; 4,533,846;
4,599,706; 4,617,652; 4,668,932; 4,752,912; 4,829,482; 4,874,967; 4,883,976; 4,980,859; 5,012,132; 5,003,197; 5,023,694; 5,084,667; 5,153,880; 5,153,691;
5,161,137; 5,219,774; 5,270,927; 5,324,676; 5,434,396; 5,544,103; 5,587,573; 5,835,409; 5,977,585. Foreign patents and additional patents pending.
LIFE RELATED POLICY
In situations where semiconductor component failure may endanger life, system designers using this product should design the system with appropriate error detection
and correction, redundancy and back-up features to prevent such an occurrence.
Xicor’s products are not authorized for use in critical components in life support devices or systems.
1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, and whose failure to
perform, when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury to the user.
2. A critical component is any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life
support device or system, or to affect its safety or effectiveness.
Part Mark Information
Blank = 8-Lead SOIC
P= 8 Pin Plastic DIP
Blank = No suffix, 0°C to +70°C
I = No Suffix; –40°C to +85°C
A = -4,5A; 0°C to +70°C,
IA = -4.5A; –40°C to +85°C
F = -2.7; 0°C to +70°C
G = -2.7; –40°C to +85°C
FA = -2.7A; 0°C to +70°C
GA = -2.7A; –40°C to +85°C
X
X5043/45
X
AEP/AEY = No Suffix; –40°C to +85°C
AEN/AEW = -4.5A; –40°C to +85°C
AET/AFC = -2.7; –40°C to +85°C
AER/AFA = -2.7A; –40°C to +85°C
X5043/X5045
YWW
XXX
PDIP/SOIC
MSOP
V = 14 Lead TSSOP
Blank = 5V ±10%, 0°C to +70°C, VTRIP = 4.25-4.5
AL = 5V±10%, 0°C to +70°C, VTRIP = 4.5-4.75
I = 5V ±10%, –40°C to +85°C, VTRIP = 4.25-4.5
AM = 5V ±10%, –40°C to +85°C, VTRIP = 4.5-4.75
F = 2.7V to 5.5V, 0°C to +70°C, VTRIP = 2.55-2.7
AN = 2.7V to 5.5V, 0°C to +70°C, VTRIP = 2.85-3.0
G = 2.7V to 5.5V, –40°C to +85°C, VTRIP = 2.55-2.7
AP = 2.7V to 5.5V, –40°C to +85°C, VTRIP = 2.85-3.0
W
X5043/45
X
TSSOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com