Electronic Components Datasheet Search
  English  ▼

X  

X5083 Datasheet(PDF) 12 Page - Xicor Inc.

Part # X5083
Description  CPU Supervisor with 8Kbit SPI EEPROM
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X5083 Datasheet(HTML) 12 Page - Xicor Inc.

Back Button X5083 Datasheet HTML 8Page - Xicor Inc. X5083 Datasheet HTML 9Page - Xicor Inc. X5083 Datasheet HTML 10Page - Xicor Inc. X5083 Datasheet HTML 11Page - Xicor Inc. X5083 Datasheet HTML 12Page - Xicor Inc. X5083 Datasheet HTML 13Page - Xicor Inc. X5083 Datasheet HTML 14Page - Xicor Inc. X5083 Datasheet HTML 15Page - Xicor Inc. X5083 Datasheet HTML 16Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
X5083
Characteristics subject to change without notice.
12 of 21
REV 1.1.6 6/25/02
www.xicor.com
ABSOLUTE MAXIMUM RATINGS
Temperature under bias .................. –65°C to +135°C
Storage temperature ....................... –65°C to +150°C
Voltage on any pin with
respect to VSS ......................................–1.0V to +7V
D.C. output current ............................................... 5mA
Lead temperature (soldering, 10 seconds)........ 300°C
COMMENT
Stresses above those listed under “Absolute Maximum
Ratings” may cause permanent damage to the device.
This is a stress rating only; the functional operation of
the device (at these or any other conditions above those
listed in the operational sections of this specification) is
not implied. Exposure to absolute maximum rating con-
ditions for extended periods may affect device reliability.
RECOMMENDED OPERATING CONDITIONS
Temperature
Min.
Max.
Commercial
0°C
70°C
Industrial
–40°C
+85°C
Voltage Option
Limits
–2.7
2.7V to 5.5V
Blank
4.5V-5.5V
D.C. OPERATING CHARACTERISTICS (Over the recommended operating conditions unless otherwise specified.)
Symbol
Parameter
Limits
Unit
Test Conditions
Min.
Typ.
Max.
ICC1
VCC write current (active)
5
mA
SCK = VCC x 0.1/VCC x 0.9 @ 5MHz,
SO = Open
ICC2
VCC read current (active)
0.4
mA
SCK = VCC x 0.1/VCC x 0.9 @ 5MHz,
SO = Open
ISB1
VCC standby current
WDT = OFF
1µA
CS = VCC, VIN = VSS or VCC,
VCC = 5.5V
ISB2
VCC standby current
WDT = ON
50
µA
CS = VCC, VIN = VSS or VCC,
VCC = 5.5V
ISB3
VCC standby current
WDT = ON
20
µA
CS = VCC, VIN = VSS or VCC,
VCC = 3.6V
ILI
Input leakage current
0.1
10
µA
VIN = VSS to VCC
ILO
Output leakage current
0.1
10
µA
VOUT = VSS to VCC
VIL
(1)
Input LOW voltage
–0.5
VCC x 0.3
V
VIH
(1)
Input HIGH voltage
VCC x 0.7
VCC + 0.5
V
VOL1
Output LOW voltage
0.4
V
VCC > 3.3V, IOL = 2.1mA
VOL2
Output LOW voltage
0.4
V
2V < VCC ≤ 3.3V, IOL = 1mA
VOL3
Output LOW voltage
0.4
V
VCC ≤ 2V, IOL = 0.5mA
VOH1
Output HIGH voltage
VCC – 0.8
V
VCC > 3.3V, IOH = –1.0mA
VOH2
Output HIGH voltage
VCC – 0.4
V
2V < VCC ≤ 3.3V, IOH = –0.4mA
VOH3
Output HIGH voltage
VCC – 0.2
V
VCC ≤ 2V, IOH = –0.25mA
VOLRS
Reset output LOW voltage
0.4
V
IOL = 1mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com