Electronic Components Datasheet Search
  English  ▼

X  

RSAC16CS Datasheet(PDF) 3 Page - Rohm

Part # RSAC16CS
Description  Ultra Low Capacitance ESD Protection Diode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RSAC16CS Datasheet(HTML) 3 Page - Rohm

  RSAC16CS Datasheet HTML 1Page - Rohm RSAC16CS Datasheet HTML 2Page - Rohm RSAC16CS Datasheet HTML 3Page - Rohm RSAC16CS Datasheet HTML 4Page - Rohm RSAC16CS Datasheet HTML 5Page - Rohm RSAC16CS Datasheet HTML 6Page - Rohm RSAC16CS Datasheet HTML 7Page - Rohm RSAC16CS Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
www.rohm.com
© 2014 ROHM Co., Ltd. All rights reserved.
Data Sheet
RSAC16CS
lElectrical characteristic curves
0
5
10
15
20
25
30
35
40
45
50
Ave. : 2.23pA
T
a=25°C
V
R=12V
n=30pcs
10
100
1000
0.001
0.01
0.1
1
10
100
1000
R
th(j-a)
R
th(j-c)
I
R DISPERSION MAP
C
t DISPERSION MAP
ZENER CURRENT : I
Z (mA)
Z
Z-IZ CHARACTERISTICS
TIME : t(s)
R
th-t CHARACTERISTICS
on glass-epoxy substrate
0.1
1
Ave. : 0.29pF
T
a=25°C
f=1MHz
V
R=0V
n=10pcs
1
10
100
1000
10000
0.1
1
10
3/4
2014.11 - Rev.B



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com