Electronic Components Datasheet Search
  English  ▼

X  

C11713 Datasheet(PDF) 1 Page - Cree, Inc

Part # C11713
Description  Anna series
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

C11713 Datasheet(HTML) 1 Page - Cree, Inc

  C11713 Datasheet HTML 1Page - Cree, Inc C11713 Datasheet HTML 2Page - Cree, Inc C11713 Datasheet HTML 3Page - Cree, Inc C11713 Datasheet HTML 4Page - Cree, Inc C11713 Datasheet HTML 5Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PRODUCT DATASHEET
Anna series
last update 16/9/2014
DETAILS
Product Number
C11713_ANNA-40-5-S
Family
Anna
Type
Lens array
Color
clear
Diameter
40 mm
Height
10,7 mm
Style
round
Optic Material
PMMA
Holder Material
Fastening
pin, glue
Status
production ready
ROHS Comliant
Yes
Date Updated
16/09/2014
OPTICAL PROPERTIES
Viewing
Light
Effi-
LED
Angle
Beam
ciency
cd/lm
Connector
XP-G
18 deg
Spot
93 %
5.940
-
XP-E
12 deg
Spot
93 %
12.700
-
LUXEON Rebel
13 deg
Spot
92 %
9.300
-
LUXEON Rebel ES
18 deg
Spot
93 %
6.100
-
LUXEON A
19 deg
Spot
87 %
5.710
-
NCSxx19A
16 deg
Spot
91 %
6.700
-
NVSxx19A
19 deg
Spot
91 %
4.900
-
Oslon SSL 80
11 deg
Spot
93 %
11.700
-
Oslon SSL 150
12 deg
Spot
90 %
13.700
-
Duris S5 (2 chip)
18 deg
Spot
90 %
6.000
-
Double Dome (GM2BB)
sim: 12
Spot
-
-
-
June 14th 2017 8:31 Copyright Ledil Oy - Subject to change without prior notice - Page 1/1
Ledil Oy
Salorankatu 10
24240 SALO, Finland
http://www.ledil.com
email: ledil@ledil.com
FAX: +358-2-733 8001


Similar Part No. - C11713

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
C11713 LEDIL-C11713 Datasheet
1Mb / 7P
~15째 spot beam with 5 optics
logo
Hamamatsu Corporation
C11713CA HAMAMATSU-C11713CA_15 Datasheet
450Kb / 9P
Mini-spectrometers
More results

Similar Description - C11713

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C13412 CREE-C13412 Datasheet
156Kb / 3P
Anna series
C11607 CREE-C11607 Datasheet
1Mb / 18P
Anna series
C11682 CREE-C11682 Datasheet
1Mb / 16P
Anna series
C11714 CREE-C11714 Datasheet
364Kb / 6P
Anna series
C11794 CREE-C11794 Datasheet
1Mb / 20P
Anna series
C11801 CREE-C11801 Datasheet
1Mb / 15P
Anna series
C11812 CREE-C11812 Datasheet
1Mb / 20P
Anna series
C13484 CREE-C13484 Datasheet
416Kb / 9P
Anna series
C11793 CREE-C11793 Datasheet
1Mb / 19P
Anna series
C11606 CREE-C11606 Datasheet
1Mb / 17P
Anna series
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com