Electronic Components Datasheet Search
  English  ▼

X  

F12985 Datasheet(PDF) 1 Page - Cree, Inc

Part # F12985
Description  Crystal series
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

F12985 Datasheet(HTML) 1 Page - Cree, Inc

  F12985 Datasheet HTML 1Page - Cree, Inc F12985 Datasheet HTML 2Page - Cree, Inc F12985 Datasheet HTML 3Page - Cree, Inc F12985 Datasheet HTML 4Page - Cree, Inc F12985 Datasheet HTML 5Page - Cree, Inc F12985 Datasheet HTML 6Page - Cree, Inc F12985 Datasheet HTML 7Page - Cree, Inc F12985 Datasheet HTML 8Page - Cree, Inc F12985 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
PRODUCT DATASHEET
Crystal series
last update 15/6/2015
DETAILS
Product Number
F12985_CRYSTAL-MINE
Family
Crystal
Type
Lens
Color
clear
Diameter
46,8 mm
Height
27,4 mm
Style
round
Optic Material
PMMA
Holder Material
Fastening
Status
production ready
ROHS Comliant
Yes
Date Updated
15/06/2015
OPTICAL PROPERTIES
Viewing
Light
Effi-
LED
Angle
Beam
ciency
cd/lm
Connector
XP-E
3 deg
Spot
92 %
96.000
-
XP-G
4.7 deg
Spot
90 %
66.900
-
XM-L2
6.9 deg
Spot
90 %
35.000
-
XP-G2
4.6 deg
Spot
90 %
65.200
-
LUXEON A
4.9 deg
Spot
89 %
58.200
-
LUXEON T
4.9 deg
Spot
89 %
55.100
-
LUXEON TX
5.0 deg
Spot
94 %
50.600
-
NCSxx19B
3.6 deg
Spot
90 %
73.300
-
LH351Z
4.2 deg
Spot
90 %
71.400
-
LH351B
5.1 deg
Spot
90 %
51.770
-
June 14th 2017 8:06 Copyright Ledil Oy - Subject to change without prior notice - Page 1/1
Ledil Oy
Salorankatu 10
24240 SALO, Finland
http://www.ledil.com
email: ledil@ledil.com
FAX: +358-2-733 8001


Similar Part No. - F12985

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
F12985 LEDIL-F12985 Datasheet
2Mb / 6P
~4.9째 spot beam especially designed for mining headlamps
More results

Similar Description - F12985

ManufacturerPart #DatasheetDescription
logo
MMD Components
WC315 MMD-WC315 Datasheet
64Kb / 1P
32.768KHZ Crystal Series
A MMD-A_13 Datasheet
74Kb / 3P
A Series Crystal
H MMD-H_13 Datasheet
106Kb / 2P
H Series Crystal
WC26G MMD-WC26G_12 Datasheet
90Kb / 2P
WC26G Series Crystal
WC146SM MMD-WC146SM_12 Datasheet
114Kb / 2P
WC146SM Series Crystal
WC415 MMD-WC415_12 Datasheet
95Kb / 2P
WC415 Series Crystal
WC519 MMD-WC519_12 Datasheet
98Kb / 2P
WC519 Series Crystal
logo
Cree, Inc
FCN13595 CREE-FCN13595 Datasheet
1Mb / 28P
Crystal series
FCN13552 CREE-FCN13552 Datasheet
713Kb / 19P
Crystal series
F12916 CREE-F12916 Datasheet
110Kb / 7P
Crystal series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com