Electronic Components Datasheet Search
  English  ▼

X  

1SS356 Datasheet(PDF) 2 Page - Weitron Technology

Part # 1SS356
Description  Band Switching Diode 100m AMPERES 35 VOLTS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

1SS356 Datasheet(HTML) 2 Page - Weitron Technology

  1SS356 Datasheet HTML 1Page - Weitron Technology 1SS356 Datasheet HTML 2Page - Weitron Technology 1SS356 Datasheet HTML 3Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
1SS356
MAXIMUM RATING (TA=25˚C)
Characteristics
Symbol
Value
Unit
Junction Temperature
VR
IF
Tj
35
100
125
V
mA
°C
Storage Temperature
Tstg
-55 to+125
°C
ELECTRICAL CHARACTERISTICS (TA=25˚C)
Characteristics
Symbol
Min
Typ
Max
Unit
Maximum Instantneous Forward Voltage
IF=10mA
Maximum Instantneous Reverse Current
VR=25V
Capacitance Between terminals
VR=6V, f=1MHz
Forward Operating Resistacne
IF=2.0mA, f=100MHz
VF
IR
CT
-
-
-
-
-
-
1.0
10
1.2
V
nA
pF
Rf
-
-
0.9
Ω
Device Marking & Equivalent Circuit diagram
1SS356
B
1
2
DC Forward Current
Continuous Reverse Voltage
http://www.weitron.com.tw
WEITRON
2/3
05-Dec-05
Item
Marking
Equivalent Circuit diagram



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com