Electronic Components Datasheet Search
  English  ▼

X  

B150F Datasheet(PDF) 2 Page - Weitron Technology

Part # B150F
Description  Reverse Voltage 20 to 200V Forward Current 1.0A
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

B150F Datasheet(HTML) 2 Page - Weitron Technology

  B150F Datasheet HTML 1Page - Weitron Technology B150F Datasheet HTML 2Page - Weitron Technology B150F Datasheet HTML 3Page - Weitron Technology B150F Datasheet HTML 4Page - Weitron Technology B150F Datasheet HTML 5Page - Weitron Technology B150F Datasheet HTML 6Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2.Ratings and Characteristic Curves ( TA = 25°C unless otherwise noted )
Fig. 1 – Forward Current Derating Curve
0
25 50 75 100 125 150 175
1.0
0.5
0
60 Hz
Resistive or
Inductive Load
CASE TEMPERATURE:Tc(°C)
Fig 4. – Typical Reverse Characteristics
0
20
40
60
80
100
10
1.0
0.1
0.01
0.001
Percent of Rated Peak Reverse Voltage (%)
Tj=125
Tj=75
Tj=25
Fig 6. – Typical Junction Capacitance
0.1
1
10
100
1000
100
10
TJ = 25°C
f = 1.0 MHz
Vsig =
50 V
Reverse Voltage (V)
Fig 5. –typical transient thermal
impedance
10
1.0
0.1
100
0.01
0.1
1.0
10
t,Pulse duration,sec
Fig. 2 – Maximum Non-repetitive Peak
Forward Surge Current
1
10
30
15
0
TJ = TJ max
8.3ms Single
Half Sine-
Number of Cycles at 60Hz
TJ = 25°C
Pulse width = 300µs
1% Duty Cycle
10
1.0
0.1
0.01
100
Fig 3. – Typical Instantaneous Forward
Characteristics
0.2
0.4
0.6
0.8
1.0
Instantaneous Forward Voltage (V)
TJ = 25°C
Pulse width = 300µs
1% Duty Cycle
B120F thru B1200F
WEITRON
http://www.weitron.com.tw
2/6
28-May-2016



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com