Electronic Components Datasheet Search
  English  ▼

X  

B0540F Datasheet(PDF) 1 Page - Weitron Technology

Part # B0540F
Description  Rever seVoltage20to40VForwardCurrent0.5A
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

B0540F Datasheet(HTML) 1 Page - Weitron Technology

  B0540F Datasheet HTML 1Page - Weitron Technology B0540F Datasheet HTML 2Page - Weitron Technology B0540F Datasheet HTML 3Page - Weitron Technology B0540F Datasheet HTML 4Page - Weitron Technology B0540F Datasheet HTML 5Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
FEATURES
* Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
* Low power loss,high efficiency
* For use in low voltage high frequency inverters,
free wheeling,and polarity protection applications
* Guardring for over voltage protection
* High temperature soldering guaranteed:
260°C/10 seconds at terminals
Mechanical Data
Case: SOD-123FL /MINI- SMA
molded plastic over sky die
Terminals: Tin Plated, solderable per
MIL-STD-750, Method 2026
Polarity: Color band denotes cathode end
Mounting Position: Any
We declare that the material of product is
Weight: 0.0155 g
Halogen free (green epoxy compound)
Handling precautin:None
1.Electrical Characteristic
Maximum & Thermal Characteristics Ratings at 25°C ambient temperature unless otherwise specified.
Parameter Symbol
symbol
Unit
device marking code
Maximum repetitive peak reverse
voltage
VRRM
V
Maximum RMS voltage
VRMS
V
Maximum DC blocking voltage
VDC
V
Maximum average forward rectified
current at TA = 75°C
IF(AV)
A
Peak forward surge current 8.3ms
single half sine-wave superimposed on
rated load (JEDEC Method)
IFSM
A
Typical thermal resistance (Note 1)
RθJA
RθJC
°
C/W
Operating junction temperature range
TJ
°
C
storage temperature range
TSTG
°
C
Electrical Characteristics Ratings at 25°C ambient temperature unless otherwise specified.
Parameter Symbol
symbol
Unit
Maximum DC reverse current at rated
DC blocking voltage TA = 25
Tj = 100
IR
mA
Typical junction capacitance at
4.0V, 1MHz
CJ
PF
NOTES:
1. 8.0mm2 (.013mm thick) land areas
40
V
0.5
30
110
40
–
55 to +150
–
55 to +125
052
14
Maximum instantaneous forward
voltage at(IF = 0.1 A, TJ = 25°C)
(IF = 0.5 A, TJ = 25°C)
VF
B0520F
–
65 to +175
B0530F
0.34
0.43
0.375
0.450
-
0.55
Schottky Barrier Rectifiers
ReverseVoltage20to40VForward Current0.5A
28
40
20
B0520F
30
B0540F
054
20
160
B0530F
053
30
21
0.130
10
0.04
10
0.25
8
B0540F
B0520F ~ B0540F
Lead(Pb)-Free
P b
WEITRON
http://www.weitron.com.tw
1/5
09-May-2016


Similar Part No. - B0540F

ManufacturerPart #DatasheetDescription
logo
Diode Semiconductor Kor...
B0540LW DSK-B0540LW Datasheet
228Kb / 3P
Schottky Barrier Diode
logo
Chip Integration Techno...
B0540LW CITC-B0540LW Datasheet
90Kb / 3P
0.5A Surface Mount Schottky Barrier Rectifiers
B0540LW CITC-B0540LW Datasheet
90Kb / 3P
0.5A Surface Mount Schottky Barrier Rectifiers
B0540LW-S CITC-B0540LW-S Datasheet
91Kb / 3P
0.5A Surface Mount Schottky Barrier Rectifiers
B0540LW-S CITC-B0540LW-S Datasheet
91Kb / 3P
0.5A Surface Mount Schottky Barrier Rectifiers
More results

Similar Description - B0540F

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
8538SDASP1 SCHNEIDER-8538SDASP1 Datasheet
106Kb / 2P
Non-Rever. Combo Starter Size 2, 3P, Melting Alloy Overload, NEMA 12 Options
Sep 15, 2023
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com