Electronic Components Datasheet Search
  English  ▼

X  

BAS16BS Datasheet(PDF) 3 Page - Weitron Technology

Part # BAS16BS
Description  SWITCHING DIODES 500m AMPERES 75 VOLTS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

BAS16BS Datasheet(HTML) 3 Page - Weitron Technology

  BAS16BS Datasheet HTML 1Page - Weitron Technology BAS16BS Datasheet HTML 2Page - Weitron Technology BAS16BS Datasheet HTML 3Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
WEITRON
http://www.weitron.com.tw
3/3
22-Aug-2016
BAS16BS
Notes: 1. A 2.0 kΩ variable resistor adjusted for a Forward Current (I
F ) of 10mA.
Notes: 2. Input pulse is adjusted so I
R(peak) is equal to 10mA.
Notes: 3. t
p » t rr
Figure 1. Recovery Time Equivalent Test Circuit
+10 V
2.0 k
820 Ω
100 µH
0.1µF
D U T
0.1 µF
50 Ω OUTPUT
PULSE
GENERATOR
t
r
50 Ω INPUT
SAMPLING
OSCILLOSCOPE
t
p
t
10%
90%
I
F
I
R
t
rr
t
i
R(REC) = 1.0 mA
OUTPUT PULSE
(I
F = I R = 10 mA; MEASURED
at i
R(REC) = 1.0 mA)
INPUTSIGNAL
I
F
V
R
T A= 85˚C
V F , FORWARD VOLTAGE (VOLTS)
Figure 2. Forward Voltage
V R , REVERSE VOLTAGE (VOLTS)
Figure 3. Leakage Current
V R , REVERSE VOLTAGE (VOLTS)
Figure 4. Capacitance
TYPICALCHARACTERISTICS
T A= –40˚C
T A= 25˚C
T A = 25˚C
T A = 55˚C
T A= 85˚C
T A = 150˚C
T A= 125˚C
100
10
1.0
0.1
0.2
0.4
0.6
0.8
1.0
1.2
10
1.0
0.1
0.01
0.001
0
10
20
30
40
0.68
0.64
0.60
0.56
0.52
0
2
4
6
8



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com