Electronic Components Datasheet Search
  English  ▼

X  

AB60S Datasheet(PDF) 2 Page - Delta Electronics, Inc.

Part # AB60S
Description  AC/DC Power Module 60W, Industrial & Medical Safety
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

AB60S Datasheet(HTML) 2 Page - Delta Electronics, Inc.

  AB60S Datasheet HTML 1Page - Delta Electronics, Inc. AB60S Datasheet HTML 2Page - Delta Electronics, Inc. AB60S Datasheet HTML 3Page - Delta Electronics, Inc. AB60S Datasheet HTML 4Page - Delta Electronics, Inc. AB60S Datasheet HTML 5Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
DS_AB60S_06162014
E-mail: DCDC@delta.com.tw
http://www.deltaww.com/dcdc
P2
Input Specifications
Parameter
Model
Min.
Typ.
Max.
Unit
AC Voltage Input Range
All Models
85
---
264
VAC
Input Frequency Range
47
---
440
Hz
DC Voltage Input Range
120
---
370
VDC
No-Load Power Consumption
---
0.5
---
W
Inrush Current (Cold Start at 25
℃)
115VAC
---
---
30
A
230VAC
---
---
60
A
Output Specifications
Parameter
Conditions
Min.
Typ.
Max.
Unit
Output Voltage Accuracy
---
±1.0
±2.0
%
Line Regulation
Vin=Min. to Max.
---
±0.2
±1.0
%
Load Regulation
Iout=Min. to Max.
---
±0.5
±1.0
%
Min.Load
No minimum Load Requirement
Ripple & Noise
0-20 MHz Bandwidth
(5.1VDC Output Models)
---
2.0
3.0
%VPP of Vo
(Other Output Models)
---
1.0
1.5
%VPP of Vo
Over Voltage Protection
Zener diode clamp
---
120
---
% of Vo
Temperature Coefficient
---
±0.02
---
%/
℃
Overshoot
---
---
5
%
Current Limitation
85VAC, Hiccup Mode, auto-recovery
105
---
---
%Inom.
(long term overload condition may cause damage)
Short Circuit Protection
Hiccup mode, indefinite (automatic recovery)
General Specifications
Parameter
Conditions
Min.
Typ.
Max.
Unit
I/O Isolation Voltage (reinforced)
4000
---
---
VACrms
Leakage Current
---
80
---
μA
I/O Isolation Resistance
500 VDC
1000
---
---
MΩ
Switching Frequency
---
100
---
KHz
Hold-up Time
115VAC, 60Hz
---
20
---
ms
230VAC, 50Hz
---
80
---
ms
MTBF (calculated)
MIL-HDBK-217F@25
℃, Ground
Benign
125,000
---
---
Hours
Protection Class II
According IEC/EN 60536
Safety Approvals
IEC/EN 60950-1, 60601-1 3
rd, 2XMOPP
cUL/UL 60950-1, 60601-1 3
rd, 2XMOPP, UL 508 listed
EMC Specifications
Parameter
Standards & Level
Performance
Conducted and radiated EMI
EN55011, EN55022, FCC part 15
Class B
ESD
EN61000-4-2 air ± 8kV , Contact ± 4kV
A
Radiated immunity
EN61000-4-3 10V/m
A
Fast transient
EN61000-4-4 ± 2kV
A
Surge
EN61000-4-5 ±1kV
A
Conducted immunity
EN61000-4-6 10Vrms
A
PFMF
EN61000-4-8 30A/m
A
Dips
EN61000-4-11 30% 10ms
A
Interruption
EN61000-4-11 >95% 5000ms
B



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com