Electronic Components Datasheet Search
  English  ▼

X  

AFB0605LB Datasheet(PDF) 1 Page - Delta Electronics, Inc.

Part # AFB0605LB
Description  PLEASE SEND ONE COPY OF THIS BACK AFTER YOU SIGNED APPROVAL FOR PRODUCTION PRE-ARRANGMENT.
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

AFB0605LB Datasheet(HTML) 1 Page - Delta Electronics, Inc.

  AFB0605LB Datasheet HTML 1Page - Delta Electronics, Inc. AFB0605LB Datasheet HTML 2Page - Delta Electronics, Inc. AFB0605LB Datasheet HTML 3Page - Delta Electronics, Inc. AFB0605LB Datasheet HTML 4Page - Delta Electronics, Inc. AFB0605LB Datasheet HTML 5Page - Delta Electronics, Inc. AFB0605LB Datasheet HTML 6Page - Delta Electronics, Inc. AFB0605LB Datasheet HTML 7Page - Delta Electronics, Inc. AFB0605LB Datasheet HTML 8Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
DEL-0776A4
SPECIFICATION FOR APPROVAL
===============================================
Customer
Description
DC FAN
Part No.
Rev.
Delta Model No.
AFB0605LB
Rev. 01
Sample Issue No.
Sample Issue
Date.
Jun 12, 13
PLEASE SEND ONE COPY OF THIS SPECIFICATION
BACK AFTER YOU SIGNED APPROVAL FOR PRODUC-
TION PRE-ARRANGEMENT.
APPROVED BY : _____________________________
DATE
: _____________________________
DELTA ELECTRONICS (THAILAND) PUBLIC COMPANY LIMITED.
111 MOO 9 WELLGROW INDUSTRIAL ESTATE
BANGNA-TRAD ROAD, TAMBON BANGWUA,
AMPHUR BANGPAKONG, CHACHOENGSAO 24180 THAILAND
TEL. +66-(0)-38522455, FAX. +66-(0)-38522477


Similar Part No. - AFB0605LB

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
AFB0605LC DELTA-AFB0605LC Datasheet
181Kb / 1P
60 x 60 x 13 MM SERIES
AFB0605LD DELTA-AFB0605LD Datasheet
389Kb / 2P
60 x 60 x 20 MM SERIES
More results

Similar Description - AFB0605LB

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
AFB0405HHA-AF00 DELTA-AFB0405HHA-AF00 Datasheet
1Mb / 9P
PLEASE SEND ONE COPY OF THIS BACK AFTER YOU SIGNED APPROVAL FOR PRODUCTION PRE-ARRANGMENT.
AFB0412HA-AR00 DELTA-AFB0412HA-AR00 Datasheet
864Kb / 9P
PLEASE SEND ONE COPY OF THIS BACK AFTER YOU SIGNED APPROVAL FOR PRODUCTION PRE-ARRANGMENT.
AFB0412HHA-TA5F DELTA-AFB0412HHA-TA5F Datasheet
856Kb / 9P
PLEASE SEND ONE COPY OF THIS BACK AFTER YOU SIGNED APPROVAL FOR PRODUCTION PRE-ARRANGMENT.
AFB0412VHA-DU48 DELTA-AFB0412VHA-DU48 Datasheet
604Kb / 10P
PLEASE SEND ONE COPY OF THIS BACK AFTER YOU SIGNED APPROVAL FOR PRODUCTION PRE-ARRANGMENT.
AFB0512VHD-TZW4 DELTA-AFB0512VHD-TZW4 Datasheet
686Kb / 8P
PLEASE SEND ONE COPY OF THIS BACK AFTER YOU SIGNED APPROVAL FOR PRODUCTION PRE-ARRANGMENT.
AFB0524VHD-TZW5 DELTA-AFB0524VHD-TZW5 Datasheet
691Kb / 8P
PLEASE SEND ONE COPY OF THIS BACK AFTER YOU SIGNED APPROVAL FOR PRODUCTION PRE-ARRANGMENT.
AFB0605MB DELTA-AFB0605MB Datasheet
1Mb / 8P
PLEASE SEND ONE COPY OF THIS BACK AFTER YOU SIGNED APPROVAL FOR PRODUCTION PRE-ARRANGMENT.
AFB0612H-EP DELTA-AFB0612H-EP Datasheet
2Mb / 7P
PLEASE SEND ONE COPY OF THIS BACK AFTER YOU SIGNED APPROVAL FOR PRODUCTION PRE-ARRANGMENT.
AFB0612SH-TA50 DELTA-AFB0612SH-TA50 Datasheet
774Kb / 8P
PLEASE SEND ONE COPY OF THIS BACK AFTER YOU SIGNED APPROVAL FOR PRODUCTION PRE-ARRANGMENT.
AFB0624HHD-F00 DELTA-AFB0624HHD-F00 Datasheet
756Kb / 9P
PLEASE SEND ONE COPY OF THIS BACK AFTER YOU SIGNED APPROVAL FOR PRODUCTION PRE-ARRANGMENT.
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com