Electronic Components Datasheet Search
  English  ▼

X  

2SC5812 Datasheet(PDF) 2 Page - Hitachi Semiconductor

Part # 2SC5812
Description  Silicon NPN Epitaxial VHF/UHF wide band amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SC5812 Datasheet(HTML) 2 Page - Hitachi Semiconductor

  2SC5812 Datasheet HTML 1Page - Hitachi Semiconductor 2SC5812 Datasheet HTML 2Page - Hitachi Semiconductor 2SC5812 Datasheet HTML 3Page - Hitachi Semiconductor 2SC5812 Datasheet HTML 4Page - Hitachi Semiconductor 2SC5812 Datasheet HTML 5Page - Hitachi Semiconductor 2SC5812 Datasheet HTML 6Page - Hitachi Semiconductor 2SC5812 Datasheet HTML 7Page - Hitachi Semiconductor 2SC5812 Datasheet HTML 8Page - Hitachi Semiconductor 2SC5812 Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2SC5812
Rev.0, Nov. 2001, page 2 of 10
Absolute Maximum Ratings
(Ta = 25°C)
Item
Symbol
Ratings
Unit
Collector to base voltage
VCBO
15
V
Collector to emitter voltage
VCEO
4V
Emitter to base voltage
VEBO
1.5
V
Collector current
IC
50
mA
Collector power dissipation
PC
80
mW
Junction temperature
Tj
150
°C
Storage temperature
Tstg
−55 to +150
°C
Electrical Characteristics
(Ta = 25
°C)
Item
Symbol
Min
Typ
Max
Unit
Test conditions
Collector to base breakdown
voltage
V(BR)CBO
15

VIC = 10
µA, IE = 0
Collector cutoff current
ICBO

0.1
µAVCB = 15 V, IE = 0
Collector cutoff current
ICEO

1
µAVCE = 4 V, RBE = Infinite
Emitter cutoff current
IEBO

0.1
µAVEB = 0.8 V, IC = 0
DC current transfer ratio
hFE
100
120
150
VCE = 1 V, IC = 5 mA
Reverse transfer capacitance
Cre
0.2
pF
VCE = 1 V, Emitter ground,
f = 1 MHz
Collector output capacitance
Cob
0.4
0.7
pF
VCB = 1 V, IE = 0,
f = 1 MHz
Gain bandwidth product
fT(1)
8
11
GHz
VCE = 1V, IC = 5 mA
Gain bandwidth product
fT(2)
15
GHz
VCE = 1V, IC = 20 mA
Forward transmission
coefficient
|S21|
2
14
17
dB
VCE = 1 V, IC = 5 mA,
f = 900 MHz
Noise figure
NF
1.0
1.7
dB
VCE = 1 V, IC = 5 mA,
f = 900 MHz,
ΓS = ΓL = 50 Ω



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com