Electronic Components Datasheet Search
  English  ▼

X  

C10926 Datasheet(PDF) 1 Page - Cree, Inc

Part # C10926
Description  Strada series
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

C10926 Datasheet(HTML) 1 Page - Cree, Inc

  C10926 Datasheet HTML 1Page - Cree, Inc C10926 Datasheet HTML 2Page - Cree, Inc C10926 Datasheet HTML 3Page - Cree, Inc C10926 Datasheet HTML 4Page - Cree, Inc C10926 Datasheet HTML 5Page - Cree, Inc C10926 Datasheet HTML 6Page - Cree, Inc C10926 Datasheet HTML 7Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
PRODUCT DATASHEET
Strada series
last update 10/5/2017
DETAILS
Product Number
C10926_STRADA-B
Family
Strada
Type
Lens
Color
clear
Diameter
19,6 x 15,5 mm
Height
5,2 mm
Style
rectang
Optic Material
PMMA
Holder Material
Fastening
glue, screw
Status
production ready
ROHS Comliant
Yes
Date Updated
10/05/2017
OPTICAL PROPERTIES
Viewing
Light
Effi-
LED
Angle
Beam
ciency
cd/lm
Connector
XP-E
116+44 deg
Streetligh...
93 %
0.560
-
XP-G
112+42 deg
Streetligh...
93 %
0.500
-
Z5
sim: 110+40
Streetligh...
93 %
-
-
June 15th 2017 7:50 Copyright Ledil Oy - Subject to change without prior notice - Page 1/1
Ledil Oy
Salorankatu 10
24240 SALO, Finland
http://www.ledil.com
email: ledil@ledil.com
FAX: +358-2-733 8001


Similar Part No. - C10926

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
C10926 LEDIL-C10926 Datasheet
1Mb / 5P
Oval beam for area lighting optimized for CREE XP-E and XP-G
More results

Similar Description - C10926

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C13896 CREE-C13896 Datasheet
1Mb / 22P
Strada series
CA11243 CREE-CA11243 Datasheet
330Kb / 7P
Strada series
C15021 CREE-C15021 Datasheet
4Mb / 72P
Strada series
C11889 CREE-C11889 Datasheet
710Kb / 11P
Strada series
CS15158 CREE-CS15158 Datasheet
2Mb / 31P
Strada series
C13604 CREE-C13604 Datasheet
4Mb / 66P
Strada series
CA12889 CREE-CA12889 Datasheet
1Mb / 26P
Strada series
CA13119 CREE-CA13119 Datasheet
1Mb / 29P
Strada series
CS15418 CREE-CS15418 Datasheet
2Mb / 33P
Strada series
CS15671 CREE-CS15671 Datasheet
853Kb / 9P
Strada series
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com