Electronic Components Datasheet Search
  English  ▼

X  

MAX6685 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX6685
Description  Dual-Output Remote-Junction Temperature Switches
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6685 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX6685 Datasheet HTML 1Page - Maxim Integrated Products MAX6685 Datasheet HTML 2Page - Maxim Integrated Products MAX6685 Datasheet HTML 3Page - Maxim Integrated Products MAX6685 Datasheet HTML 4Page - Maxim Integrated Products MAX6685 Datasheet HTML 5Page - Maxim Integrated Products MAX6685 Datasheet HTML 6Page - Maxim Integrated Products MAX6685 Datasheet HTML 7Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Dual-Output Remote-Junction
Temperature Switches
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VDD = 3.0V to 5.5V, TA = -40°C to +125°C, unless otherwise noted. Typical values are at VDD = 3.3V and TA = +25°C.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Voltages Referenced to GND
VDD, TLOW, THIGH.....................................................-0.3V to +6V
DXN .......................................................................-0.3V to +0.8V
All Other Pins..............................................-0.3V to (VDD + 0.3V)
Input Current .........................................................................5mA
Output Current ....................................................................20mA
Continuous Power Dissipation (TA = +70°C)
8-Pin µMAX (derate 4.1mW/°C above +70°C) .............330mW
Operating Temperature Range .........................-40°C to +125°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +165°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITION
MIN
TYP
MAX
UNITS
Power-Supply Range
VDD
3.0
5.5
V
Average Supply Current
IDD
200
500
µA
Supply Current During
Conversion
400
800
µA
Power-On Reset Threshold
POR
VDD falling edge
1.0
1.5
2.0
V
POR Threshold Hysteresis
50
mV
VDD = 3.3V, TA = +25°C, TRJ = 0°C to +125°C
(Note 2)
-1.5
+1.5
Temperature Threshold
Accuracy
∆TTH
TA = 0°C to +100°C, TRJ = 0°C to +125°C
2.0
°C
Temperature Threshold
Hysteresis
THYST
5.0
°C
Supply Sensitivity of Temperature
Threshold
TA = +25°C, TRJ = 0°C to +125°C,
VDD = 3.0V to 5.5V
0.6
°C/V
Output Voltage High
VOH
ISOURCE = 1mA, MAX6685 TLOW only
VDD -
0.2
V
Output Voltage Low
VOL
ISINK = 1mA
0.2
V
Logic-Low Input Voltage
VIL
S1, S2
0.4
V
Logic-High Input Voltage
VIH
S1, S2
1.8
V
Input Current
S1, S2
10
µA
Open-Drain Output Leakage
Current
VOUT = 5.5V, TLOW and THIGH
1µA
Conversion Time
0.09
0.11
0.13
s
Sample Period
0.35
0.45
0.55
s
High level
80
100
120
Current Sourcing for External
Diode
Low level
8
10
12
µA
Note 1: All parameters are tested at +25°C. Temperature specifications over a range of -40°C to +125°C are guaranteed by design.
Note 2: TRJ is the temperature of the remote-sensing diode junction.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com