Electronic Components Datasheet Search
  English  ▼

X  

AD9231-80EBZ Datasheet(PDF) 13 Page - Analog Devices

Part # AD9231-80EBZ
Description  12-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Dual Analog-to-Digital Converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9231-80EBZ Datasheet(HTML) 13 Page - Analog Devices

Back Button AD9231-80EBZ Datasheet HTML 9Page - Analog Devices AD9231-80EBZ Datasheet HTML 10Page - Analog Devices AD9231-80EBZ Datasheet HTML 11Page - Analog Devices AD9231-80EBZ Datasheet HTML 12Page - Analog Devices AD9231-80EBZ Datasheet HTML 13Page - Analog Devices AD9231-80EBZ Datasheet HTML 14Page - Analog Devices AD9231-80EBZ Datasheet HTML 15Page - Analog Devices AD9231-80EBZ Datasheet HTML 16Page - Analog Devices AD9231-80EBZ Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 37 page
background image
AD9231
Data Sheet
Rev. B | Page 12 of 36
TYPICAL PERFORMANCE CHARACTERISTICS
AD9231-80
AVDD = 1.8 V; DRVDD = 1.8 V, maximum sample rate, 2 V p-p differential input, 1.0 V internal reference; AIN = −1.0 dBFS, DCS
disabled, unless otherwise noted.
0
–15
–30
–45
–60
–75
–90
–105
–120
–135
4
0
8
12
16
20
24
28
32
36
40
FREQUENCY (MHz)
4
3
6
+
2
5
80MSPS
9.7MHz @ –1dBFS
SNR = 70.2dB (71.2dBFS)
SFDR = 93.6dBc
Figure 6. AD9231-80 Single-Tone FFT with fIN = 9.7 MHz
0
–15
–30
–45
–60
–75
–90
–105
–120
–135
4
0
8
12
16
20
24
28
32
36
40
FREQUENCY (MHz)
4
3
5
+
2
6
80MSPS
30.6MHz @ –1dBFS
SNR = 70.1dB (71.1dBFS)
SFDR = 94.4dBc
Figure 7. AD9231-80 Single-Tone FFT with fIN = 30.6 MHz
0
–15
–30
–45
–60
–75
–90
–105
–120
–135
4
0
8
12
16
20
24
28
32
36
40
FREQUENCY (MHz)
4
3
5
6
+
2
80MSPS
69MHz @ –1dBFS
SNR = 69.9dB (70.9dBFS)
SFDR = 94.3dBc
Figure 8. AD9231-80 Single-Tone FFT with fIN = 69 MHz
0
–15
–30
–45
–60
–75
–90
–105
–120
–135
4
0
8
12
16
20
24
28
32
36
40
FREQUENCY (MHz)
4
3
5
6
+
2
80MSPS
100.3MHz @ –1dBFS
SNR = 69.5dB (70.5dBFS)
SFDR = 87.7dBc
Figure 9. AD9231-80 Single-Tone FFT with fIN = 100.3 MHz
0
–15
–30
–45
–60
–75
–90
–105
–120
–135
4
0
8
12
16
20
24
28
32
36
40
FREQUENCY (MHz)
4
3
6
2
5
+
80MSPS
210.3MHz @ –1dBFS
SNR = 67.9dB (68.9dBFS)
SFDR = 83.2dBc
Figure 10. AD9231-80 Single-Tone FFT with fIN = 210.3 MHz
0
–15
–30
–45
–60
–75
–90
–105
–120
–135
4
0
8
12
16
20
24
28
32
36
40
FREQUENCY (MHz)
F2 – F1 2F2 – F1
2F1 + F2
F1 + F2
2F2 – F1
2F1 – F2
80MSPS
28.3 @ –7dBFS
30.6 @ –7dBFS
SFDR = 90dBc
Figure 11. AD9231-80 Two-Tone FFT with fIN1 = 28.3 MHz and fIN2 = 30.6 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com