Electronic Components Datasheet Search
  English  ▼

X  

RTD2523 Datasheet(PDF) 39 Page - List of Unclassifed Manufacturers

Part # RTD2523
Description  Zoom scaling up and down
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RTD2523 Datasheet(HTML) 39 Page - List of Unclassifed Manufacturers

Back Button RTD2523 Datasheet HTML 35Page - List of Unclassifed Manufacturers RTD2523 Datasheet HTML 36Page - List of Unclassifed Manufacturers RTD2523 Datasheet HTML 37Page - List of Unclassifed Manufacturers RTD2523 Datasheet HTML 38Page - List of Unclassifed Manufacturers RTD2523 Datasheet HTML 39Page - List of Unclassifed Manufacturers RTD2523 Datasheet HTML 40Page - List of Unclassifed Manufacturers RTD2523 Datasheet HTML 41Page - List of Unclassifed Manufacturers RTD2523 Datasheet HTML 42Page - List of Unclassifed Manufacturers RTD2523 Datasheet HTML 43Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 129 page
background image
Realtek
RTD2523/2513
39
Address: 3E
DUTY_FINE_TUNE
Bit
Mode
Function
7:4
R/W
Internal Display Clock (IDCLK) Duty Fine-tune: (3F_bit1 to enable)
1111 (min fine-tune) à 1110 à 1100 à 1000 à 0000 (max fine-tune)
3:0
R/W
Color Processing Clock (CPCLK) Duty Fine-tune: (3F_bit2 to enable)
1111 (min fine-tune) à 1110 à 1100 à1000 à0000 (max fine-tune)
Address: 3F
DUTY_FINE_TUNE_CTRL
Default:00h
Bit
Mode
Function
7
R/W
RSDS data latch Inverted
0: Non-Inverted
1: Inverted
6:4
R/W
RSDS data latch Delay
000: 0ns delay
001: 0.5ns delay
010: 1ns delay
011: 1.5ns delay
100: 2ns delay
101: 2.5ns delay
110: 3ns delay
111: 3.5ns delay
3
R/W
Internal Display Clock (IDCLK) Delay Enable:
0: Disable.
1: Enable IDCLK delay.
2
R/W
Color Processing Clock (CPCLK) Duty Fine-tune Enable:
0: Disable.
1: Enable CPCLK duty fine-tune (setting in 3E_bit3:0)
1
R/W
Internal Display Clock (IDCLK) Duty Fine-tune Enable:
0: Disable.
1: Enable IDCLK duty fine-tuner (setting in 3E_bit7:4)
0
R/W
Internal Display Clock (IDCLK) Invert.
0: Disable
1: IDCLK invert enable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com