Electronic Components Datasheet Search
  English  ▼

X  

AC208 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # AC208
Description  8 PORT ULTRA LOW POWER 10/100 ETHERNET BRIDGED REPEATER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AC208 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  AC208 Datasheet HTML 1Page - List of Unclassifed Manufacturers AC208 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
AC208
FEA TURES
AC208
É24É
É32É
24-Port Dual Speed Repeater
100 Mbps
MII
R-MII
7-Wire
CPU
AC208
AC206
É 8É
É 5É
10 Mbps
SOHO Router
T1/ISDN
xDSL
Cable Modem
AC208
É 8É
AC208
É 8É
AC208
É 8É
8-Port Dual Speed Repeater
16-Port Dual Speed Repeater
AC208
23-Port Dual Speed Repeater
AC208 with AC206 System Block Diagram
• AC208 is the first chip of the AC208 product family
with the same architecture and fabrication technology.
Other members of the product family include AC207,
AC206, AC205 and AC205i.
• Provides easy product migration.
• Provides seamless integration for WAN connections
and system expansion.
• Includes lowest overall cost and form factor for 10/100
repeater hub and SOHO gateway and router design.
• Field-proven, industry-standard 10BASE-T/100BASE-
TX Fast Ethernet transceivers lower overall system
interoperability and reliability risks.
• Integrated memory reduces component cost and
manufacturing and testing costs.
• Low power consumption and low heat dissipation
allows high design density and low system cost.
• EEPROM-configured system parameter enables cost-
sensitive architecture.
• Repeater backplane compatibility with AC108R
enables flexibility and expandability in system
architecture.
SUMMAR Y
OF
BENEFITS
8-PORT ULTRA LOW POWER 10/100 ETHERNET BRIDGED REPEATER
PRODUCT
PRODUCT
Brief
Brief
AC208
• The highest level of silicon integration achieved for an
eight-port 10/100 bridged repeater
• The AC208 integrates:
• Eight transceivers of 10BASE-T/100BASE-TX
• One uplink port
• 10M repeater
• 100M repeater
• Two-port bridge including:
- 32 KB memory for address table and packet buffer
- Local MAC address filter
- Address table up to 1K entries
• Cascadable to 16, 24, and 32 port configuration
• Fully compliant auto-negotiation
• Very small package – 128-pin PQFP
• 280 sq. mm footprint
• Very low power – typical < 1.8W
• Selectable TX drivers for 1:1 or 1.25:1 transformers to enable
additional power reduction
• Cable detect mode – typical < .32W
• Power down mode – typical < .08W
ALTIMA COMMUNICATIONS, INC. CONFIDENTIAL


Similar Part No. - AC208

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
AC208 BOARDCOM-AC208 Datasheet
684Kb / 58P
2.5V 10/100-TX 8-Port Repeater/71 Uplink Port with Integrated Bridge
AC208-DS00-R BOARDCOM-AC208-DS00-R Datasheet
684Kb / 58P
2.5V 10/100-TX 8-Port Repeater/71 Uplink Port with Integrated Bridge
AC208-DS01-R BOARDCOM-AC208-DS01-R Datasheet
684Kb / 58P
2.5V 10/100-TX 8-Port Repeater/71 Uplink Port with Integrated Bridge
AC208-DS02-R BOARDCOM-AC208-DS02-R Datasheet
684Kb / 58P
2.5V 10/100-TX 8-Port Repeater/71 Uplink Port with Integrated Bridge
AC208-DS03-R BOARDCOM-AC208-DS03-R Datasheet
684Kb / 58P
2.5V 10/100-TX 8-Port Repeater/71 Uplink Port with Integrated Bridge
More results

Similar Description - AC208

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AC206 ETC-AC206 Datasheet
96Kb / 2P
5 PORT ULTRA LOW POWER 10/100 ETHERNET BRIDGED REPEATER
AC205 ETC1-AC205 Datasheet
96Kb / 2P
5-PORT ULTRA LOW POWER 10/100 ETHERNET BRIDGED REPEATER
AC207 ETC1-AC207 Datasheet
95Kb / 2P
8-PORT ULTRA LOW POWER 10/100 ETHERNET BRIDGED REPEATER
IP178A ETC1-IP178A Datasheet
1Mb / 44P
8-Port 10/100 Ethernet Integrated Switch
IP178C ETC1-IP178C Datasheet
1Mb / 91P
8 Port 10/100 Ethernet Integrated Switch
IP178C ETC2-IP178C_1 Datasheet
943Kb / 93P
8 Port 10/100 Ethernet Integrated Switch
AC205KQM ETC2-AC205KQM Datasheet
102Kb / 2P
5-PORT ULTRA LOW POWER 10/100 ETHERNET BRIDGED REPEATER
IP178G ETC2-IP178G Datasheet
1,013Kb / 76P
8 Port 10/100 Ethernet Integrated Switch
logo
Black Box Registered Tr...
SW-108 BLACKBOX-SW-108 Datasheet
1Mb / 4P
8 Port Unmanaged Ethernet Switch 10/100
SW-708 BLACKBOX-SW-708 Datasheet
951Kb / 4P
Hardened 8 Port Ethernet Switch 10/100
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com