Electronic Components Datasheet Search
  English  ▼

X  

ISL6545 Datasheet(PDF) 2 Page - Intersil Corporation

Part # ISL6545
Description  5V or 12V Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6545 Datasheet(HTML) 2 Page - Intersil Corporation

  ISL6545 Datasheet HTML 1Page - Intersil Corporation ISL6545 Datasheet HTML 2Page - Intersil Corporation ISL6545 Datasheet HTML 3Page - Intersil Corporation ISL6545 Datasheet HTML 4Page - Intersil Corporation ISL6545 Datasheet HTML 5Page - Intersil Corporation ISL6545 Datasheet HTML 6Page - Intersil Corporation ISL6545 Datasheet HTML 7Page - Intersil Corporation ISL6545 Datasheet HTML 8Page - Intersil Corporation ISL6545 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
FN6305.5
April 29, 2010
*
Ordering Information
PART NUMBER
(Note)
PART MARKING
FIXED FREQUENCY
OSCILLATOR
(kHz)
TEMP. RANGE
(°C)
PACKAGE
(Pb-Free)
PKG.
DWG. #
ISL6545CBZ*
6545 CBZ
300
0 to +70
8 Ld SOIC
M8.15
ISL6545ACBZ*
6545 ACBZ
600
0 to +70
8 Ld SOIC
M8.15
ISL6545IBZ*
6545 IBZ
300
-40 to +85
8 Ld SOIC
M8.15
ISL6545AIBZ*
6545 AIBZ
600
-40 to +85
8 Ld SOIC
M8.15
ISL6545CRZ*
545Z
300
0 to +70
10 Ld DFN
L10.3x3C
ISL6545ACRZ*
45AZ
600
0 to +70
10 Ld DFN
L10.3x3C
ISL6545IRZ*
45IZ
300
-40 to +85
10 Ld DFN
L10.3x3C
ISL6545AIRZ*
5ARZ
600
-40 to +85
10 Ld DFN
L10.3x3C
*Add “-T” suffix for tape and reel. Please refer to TB347 for details on reel specifications.
NOTE: These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100%
matte tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations).
Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J
STD-020.
ISL6545, ISL6545A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com