Electronic Components Datasheet Search
  English  ▼

X  

AS2810 Datasheet(PDF) 1 Page - Sipex Corporation

Part # AS2810
Description  1A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

AS2810 Datasheet(HTML) 1 Page - Sipex Corporation

  AS2810 Datasheet HTML 1Page - Sipex Corporation AS2810 Datasheet HTML 2Page - Sipex Corporation AS2810 Datasheet HTML 3Page - Sipex Corporation AS2810 Datasheet HTML 4Page - Sipex Corporation AS2810 Datasheet HTML 5Page - Sipex Corporation AS2810 Datasheet HTML 6Page - Sipex Corporation AS2810 Datasheet HTML 7Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Rev. 10/2/00
AS2810
1A Low Dropout Voltage Regulator
Adjustable & Fixed Output,
Fast Response
FEATURES
APPLICATIONS
• Adjustable Output Down To 1.2V
• SCSI-II Active Terminator
• Fixed Output Voltages 1.5V, 2.5V, 3.0V, 3.3V, 5.0V
• Portable Palmtap/Notebook Computer
• Output Current Of 1A
• SMPS Post-Regulator
• Low Dropout Voltage 1.2V Typ.
• Disk Drives
• Extremely Tight Load And Line Regulation
• Portable Consumer Equipment
• Current & Thermal Limiting
• Portable Instrumentation
• Standard 3-Terminal Low Cost TO-220, TO-263, TO-252 & SOT-223
• Battery charger
PRODUCT DESCRIPTION
The AS2810 is a low power positive voltage regulator designed to meet 1A output current and comply with SCSI-II specifications with
fix output voltage of 2.85V. This device is an excellent choice for use in battery-powered applications and portable computers. The
AS2810 features very low quiescent current and very low dropout voltage of 1.2V at a full load and lower as output current decreases.
This product is available as adjustable or fixed 1.5V, 2.5V, 3.0V, 3.3V, and 5V output voltages.
The AS2810 is offered in a 3-pin surface mount packages SOT-223, TO-220, TO-252 & DD package. The output capacitor of 10
µF
or larger is needed for the output stability of AS2810 as required by most other regulator circuits
ORDERING INFORMATION
TO-220
3-PIN
DD PLASTIC
3-PIN
SOT-223
3-PIN
TO-252
3-PIN
OPEPERATING JUNCTION
TEMP. RANGE
AS2810YU-X
AS2810YT-X
AS2810YM3-X
AS2810YR-X
-45 to +125
°C
X= Output Voltage (1.5V, 2.5V, 3.0V, 3.3V, 5.0V and Blank for Adj.)
Y= Output Tolerance, A for 1%
Blank for 2%
Consult with factory for other fixed voltages.
PIN CONNECTIONS
Front View
TO-220-3 (U)
AS2810
1
23
ADJ/GND V
OUT
V
IN
Top View
TO-263-3 (T)
1
AS2810
2
3
ADJ/GND V
OUT
V
IN
Front View
TO-252 (R)
ADJ/GND
V
IN
V
OUT
3
2
1
AS2810
Top View
SOT-223 (M3)
ADJ/ GND V
OUT VIN
AS2810
13
2


Similar Part No. - AS2810

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
AS2815 SIPEX-AS2815 Datasheet
181Kb / 9P
1.5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
AS2815YR-X SIPEX-AS2815YR-X Datasheet
181Kb / 9P
1.5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
AS2815YT-X SIPEX-AS2815YT-X Datasheet
181Kb / 9P
1.5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
AS2815YU-X SIPEX-AS2815YU-X Datasheet
181Kb / 9P
1.5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
More results

Similar Description - AS2810

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
AS2850 SIPEX-AS2850 Datasheet
159Kb / 6P
5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX1585 SIPEX-SPX1585 Datasheet
198Kb / 7P
5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX2810 SIPEX-SPX2810 Datasheet
191Kb / 9P
1A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX2940 SIPEX-SPX2940 Datasheet
103Kb / 9P
1A Low Dropout Voltage Regulator Fixed Output, Fast Response
SPX2941 SIPEX-SPX2941 Datasheet
103Kb / 10P
1A Low Dropout Voltage Regulator, Adjustable Output, Fast Response
SPX1587 SIPEX-SPX1587 Datasheet
187Kb / 7P
3A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
AS2830 SIPEX-AS2830 Datasheet
149Kb / 6P
3A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX3940 SIPEX-SPX3940 Datasheet
215Kb / 11P
1A Low Dropout Voltage Regulator Fixed Output, Fast Response
SPX2941 SIPEX-SPX2941_06 Datasheet
890Kb / 10P
1A Low Dropout Voltage Regulator Adjustable Output, Fast Response
SPX2941T5-L SIPEX-SPX2941T5-L Datasheet
921Kb / 10P
1A Low Dropout Voltage Regulator Adjustable Output, Fast Response
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com