Electronic Components Datasheet Search
  English  ▼

X  

ADS-947/883 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # ADS-947/883
Description  14-Bit, 10MHz Sampling A/D Converters
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ADS-947/883 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  ADS-947/883 Datasheet HTML 1Page - List of Unclassifed Manufacturers ADS-947/883 Datasheet HTML 2Page - List of Unclassifed Manufacturers ADS-947/883 Datasheet HTML 3Page - List of Unclassifed Manufacturers ADS-947/883 Datasheet HTML 4Page - List of Unclassifed Manufacturers ADS-947/883 Datasheet HTML 5Page - List of Unclassifed Manufacturers ADS-947/883 Datasheet HTML 6Page - List of Unclassifed Manufacturers ADS-947/883 Datasheet HTML 7Page - List of Unclassifed Manufacturers ADS-947/883 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
ADS-947
2
®®
+25°C
0 to +70°C
–55 to +125°C
ANALOG INPUT
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
UNITS
Input Voltage Range 
—
±2
—
—
±2
—
—
±2
—
Volts
Input Resistance
—
250
—
—
250
—
—
250
—
Ω
Input Capacitance
—
6
15
—
6
15
—
6
15
pF
DIGITAL INPUT
Logic Levels
Logic "1"
+2.0
—
—
+2.0
—
—
+2.0
—
—
Volts
Logic "0"
—
—
+0.8
—
—
+0.8
—
—
+0.8
Volts
Logic Loading "1"
—
—
+20
—
—
+20
—
—
+20
µA
Logic Loading "0"
—
—
–20
—
—
–20
—
—
–20
µA
Start Convert Positive Pulse Width Ž
10
20
—
10
20
—
10
20
—
ns
STATIC PERFORMANCE
Resolution
—
14
—
—
14
—
—
14
—
Bits
Integral Nonlinearity (fin = 10kHz)
—
±0.75
—
—
±0.75
—
—
±1
—
LSB
Differential Nonlinearity (fin = 10kHz)
–0.95
±0.5
+1.25
–0.95
±0.5
+1.25
–0.95
±0.5
+1.5
LSB
Full Scale Absolute Accuracy
—
±0.15
±0.4
—
±0.15
±0.4
—
±0.4
±0.8
%FSR
Bipolar Zero Error (Tech Note 2)
—
±0.1
±0.3
—
±0.1
±0.3
—
±0.3
±0.6
%FSR
Gain Error (Tech Note 2)
—
±0.2
±0.4
—
±0.2
±0.4
—
±0.4
±1.5
%
No Missing Codes (fin = 10kHz)
14
—
—
14
—
—
14
—
—
Bits
DYNAMIC PERFORMANCE
Peak Harmonics (–0.5dB)
dc to 1MHz
—
–83
–76
—
–83
–75
—
–79
–71
dB
1MHz to 2.5MHz
—
–78
–72
—
–78
–72
—
–73
–68
dB
2.5MHz to 5MHz
—
–76
–71
—
–76
–71
—
–71
–65
dB
Total Harmonic Distortion (–0.5dB)
dc to 1MHz
—
–81
–74
—
–81
–74
—
–77
–70
dB
1MHz to 2.5MHz
—
–76
–71
—
–76
–71
—
–72
–66
dB
2.5MHz to 5MHz
—
–74
–69
—
–74
–69
—
–69
–63
dB
Signal-to-Noise Ratio
(w/o distortion, –0.5dB)
dc to 1MHz
72
76
—
72
76
—
70
75
—
dB
1MHz to 2.5MHz
72
76
—
72
76
—
70
75
—
dB
2.5MHz to 5MHz
71
75
—
71
75
—
70
75
—
dB
Signal-to-Noise Ratio 
(& distortion, –0.5dB)
dc to 1MHz
70
74
—
70
74
—
68
73
—
dB
1MHz to 2.5MHz
70
74
—
70
74
—
66
71
—
dB
2.5MHz to 5MHz
68
73
—
68
73
—
65
70
—
dB
Noise
—
150
—
—
150
—
—
150
—
µVrms
Two-tone Intermodulation
Distortion (fin = 2.45MHz,
1.975MHz, fs = 10MHz, –0.5dB)
—
–82
—
—
–82
—
—
–82
—
dB
Input Bandwidth (–3dB)
Small Signal (–20dB input)
—
30
—
—
30
—
—
30
—
MHz
Large Signal (–0.5dB input)
—
10
—
—
10
—
—
10
—
MHz
Feedthrough Rejection (fin = 5MHz)
—
85
—
—
85
—
—
85
—
dB
Slew Rate
—
±400
—
—
±400
—
—
±400
—
V/µs
Aperture Delay Time
—+5
—
—
+5
—
—
+5
—
ns
Aperture Uncertainty
—
2
—
—
2
—
—
2
—
ps rms
FUNCTIONAL SPECIFICATIONS
(TA = +25°C, +VDD = +5V, –VDD = –5.2V, 10MHz sampling rate, and a minimum 3 minute warmup Œ unless otherwise specified.)
PARAMETERS
MIN.
TYP.
MAX.
UNITS
Operating Temp. Range, Case
ADS-947MC, GC
0
—
+70
°C
ADS-947MM, GM, 883
–55
—
+125
°C
Thermal Impedance
θjc
—
6
—
°C/Watt
θca
—
23
—
°C/Watt
Storage Temperature Range
–65
—
+150
°C
Package Type
24-pin, metal-sealed, ceramic DDIP or SMT
Weight
0.46 ounces (13 grams)
ABSOLUTE MAXIMUM RATINGS
PARAMETERS
LIMITS
UNITS
+5V Supply (Pins 13, 22)
0 to +6
Volts
–5.2V Supply (Pin 20)
0 to –5.5V
Volts
Digital Input (Pin 18)
–0.3 to +VDD +0.3
Volts
Analog Input (Pin 21)
±5
Volts
Lead Temperature (10 seconds)
+300
°C
PHYSICAL/ENVIRONMENTAL



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com