Electronic Components Datasheet Search
  English  ▼

X  

AM79C875KC Datasheet(PDF) 15 Page - Advanced Micro Devices

Part # AM79C875KC
Description  NetPHY??4LP Low Power Quad 10/100-TX/FX Ethernet Transceiver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C875KC Datasheet(HTML) 15 Page - Advanced Micro Devices

Back Button AM79C875KC Datasheet HTML 11Page - Advanced Micro Devices AM79C875KC Datasheet HTML 12Page - Advanced Micro Devices AM79C875KC Datasheet HTML 13Page - Advanced Micro Devices AM79C875KC Datasheet HTML 14Page - Advanced Micro Devices AM79C875KC Datasheet HTML 15Page - Advanced Micro Devices AM79C875KC Datasheet HTML 16Page - Advanced Micro Devices AM79C875KC Datasheet HTML 17Page - Advanced Micro Devices AM79C875KC Datasheet HTML 18Page - Advanced Micro Devices AM79C875KC Datasheet HTML 19Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 48 page
background image
Am79C875
15
TXD[1:0]
Transmit Data
TXD[1:0] transitions synchronously with respect to
REF_CLK. When TX_EN is asserted, TXD[1:0] is ac-
cepted for transmission by the PHY. TXD[1:0] is
ignored by the PHY while TX_EN is deasserted.
TXD[1:0] in 100 Mbps Mode
TXD[1:0] provides valid data for each REF_CLK period
while TX_EN is asserted. Refer to Figure 3.
TXD[1:0] in 10 Mbps Mode
As the REF_CLK frequency is ten times the data rate
in 10 Mbps mode, the value on TXD[1:0] is valid such
that TXD[1:0] may be sampled every tenth cycle, re-
gardless of the starting cycle within the group and yield
the correct frame data.
Bit Ordering
Transmission and reception of each octet is done a di-
bit at a time with the order of di-bit transmission and
reception as shown in Figure 4.
0
0
0
0
0
0
0
0
0
0
0
0
1
A
B
C
D
E
F
0
0
A
B
C
D
E
F
0
0
REF_CLK
TX_EN
TXD[1]
TXD[0]
Preamble
SFD
Data
1
1
1
1
1
1
1
1
1
1
1
1
1
22236G-5
Figure 3. 100 Mbps Transmission
D0
D1
D2
D3
D4
D5
D6
D7
First Bit
First
Nibble
Second
Nibble
MAC's Serial Bit Stream
D0
D1
LSB
MSB
TXD[0]/RXD[0]
TXD[1]/RXD[1]
Di-Bit
Stream
22236G-6
Figure 4. Bit Ordering
100BASE-X Block
The functions performed by the device include encod-
ing of MII 4-bit data (4B/5B), decoding of received code
groups (5B/4B), generating carrier sense and collision
detect indications, serialization of code groups for
transmission, de-serialization of serial data from recep-
tion, mapping of transmit, receive, and carrier sense at
the RMII interface, and recovery of clock from the in-
coming data stream. It offers stream cipher scrambling
and descrambling capability for 100BASE-TX applica-
tions.
In the transmit data pa th for 100 Mbps , the
NetPHY™ 4LP transceiver receives 2-bit wide data
across the RMII at 50 million di-bits per second. For
100BASE-TX applicati o ns, it encodes and
scrambles the data, serializes it, and transmits an
MLT-3 data stream to the media via an isolation trans-
former. For 100BASE-FX applications, it encodes and
serializes the data and transmits a Pseudo-ECL
(PECL) data stream to the fiber optic transmitter.
The NetPHY™ 4LP transceiver receives an MLT-3
data stream from the network for 100BASE-TX. It then
recovers the clock from the data stream, de-serializes
the data stream, and descrambles/decodes the data
stream (5B/4B) before presenting it at the RMII inter-
face.
For 100BASE-FX operation, the NetPHY™ 4LP re-
ceives a PECL data stream from the fiber optic trans-
ceiver and decodes that data stream. 100BASE-FX
operation is possible only on Port 3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com