Electronic Components Datasheet Search
  English  ▼

X  

AM79C875KI Datasheet(PDF) 39 Page - Advanced Micro Devices

Part # AM79C875KI
Description  NetPHY??4LP Low Power Quad 10/100-TX/FX Ethernet Transceiver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C875KI Datasheet(HTML) 39 Page - Advanced Micro Devices

Back Button AM79C875KI Datasheet HTML 35Page - Advanced Micro Devices AM79C875KI Datasheet HTML 36Page - Advanced Micro Devices AM79C875KI Datasheet HTML 37Page - Advanced Micro Devices AM79C875KI Datasheet HTML 38Page - Advanced Micro Devices AM79C875KI Datasheet HTML 39Page - Advanced Micro Devices AM79C875KI Datasheet HTML 40Page - Advanced Micro Devices AM79C875KI Datasheet HTML 41Page - Advanced Micro Devices AM79C875KI Datasheet HTML 42Page - Advanced Micro Devices AM79C875KI Datasheet HTML 43Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 48 page
background image
Am79C875
39
SWITCHING CHARACTERISTICS
System Clock Signal
Symbol
Parameter Description
Min.
Max.
Unit
tCLK
REFCLK Period
19.999
20.001
ns
tCLKH
REFCLK Width HIGH
9
11
ns
tCLKL
REFCLK Width LOW
9
11
ns
tCLR
REFCLK Rise Time
-
5
ns
tCLF
REFCLK Fall Time
-
5
ns
Notes:
1. Parametric values are the same for Commercial and Industrial devices.
tCLR
80%
20%
tCLF
tCLKH
tCLKL
tCLK
TX_CLK
22236G-18
Figure 16. Clock Signal
MLT-3 Signals
Symbol
Parameter Description
Min.
Max.
Unit
tTXR
Rise Time of MLT-3 Signal
3.0
5.0
ns
tTXF
Fall Time of MLT-3 Signal
3.0
5.0
ns
tTXRFS
Rise Time and Fall Time Symmetry of MLT-3 Signal
-
5
%
tTXDCD
Duty Cycle Distortion Peak to Peak
-
0.5
ns
tTXJ
Transmit Jitter Using Scrambled Idle Signals
-
1.4
ns
tTXR
tTXF
16 ns
TX
±
tXTDCD
tXTDCD
1
0
1
0
1
0
1
22236G-19
Figure 17. MLT-3 Test Waveform



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com