Electronic Components Datasheet Search
  English  ▼

X  

DCS Datasheet(PDF) 6 Page - Delta Electronics, Inc.

Part # DCS
Description  Voltage and resistor-based trim
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DCS Datasheet(HTML) 6 Page - Delta Electronics, Inc.

Back Button DCS Datasheet HTML 2Page - Delta Electronics, Inc. DCS Datasheet HTML 3Page - Delta Electronics, Inc. DCS Datasheet HTML 4Page - Delta Electronics, Inc. DCS Datasheet HTML 5Page - Delta Electronics, Inc. DCS Datasheet HTML 6Page - Delta Electronics, Inc. DCS Datasheet HTML 7Page - Delta Electronics, Inc. DCS Datasheet HTML 8Page - Delta Electronics, Inc. DCS Datasheet HTML 9Page - Delta Electronics, Inc. DCS Datasheet HTML 10Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
DS_DCS12S0A0S06NFA_11142013
6
The following figures provide typical start-up using input voltage at 25
oC
Figure 13: Turn on delay time at 12Vin, 5.0V/6A out
(Top trace : VOUT, 2V/div; Bottom trace: VIN, 5V/div; 2mS/div)
Figure 14: Turn on delay time at 12Vin, 3.3V/6A out
(Top trace: VOUT, 1V/div; Bottom trace: VIN, 5V/div; 2mS/div)
Figure 15: Turn on delay time at 12Vin, 2.5V/6A out
Top trace: VOUT, 1V/div; Bottom trace: VIN, 5V/div; 2mS/div)
Figure 16: Turn on delay time at 12Vin, 1.8V/6A out
(Top trace : VOUT, 0.5V/div, Bottom trace: VIN, 5V/div;
2mS/div)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com