Electronic Components Datasheet Search
  English  ▼

X  

DIM Datasheet(PDF) 1 Page - Delta Electronics, Inc.

Part # DIM
Description  Industry standard pin out
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DIM Datasheet(HTML) 1 Page - Delta Electronics, Inc.

  DIM Datasheet HTML 1Page - Delta Electronics, Inc. DIM Datasheet HTML 2Page - Delta Electronics, Inc. DIM Datasheet HTML 3Page - Delta Electronics, Inc. DIM Datasheet HTML 4Page - Delta Electronics, Inc. DIM Datasheet HTML 5Page - Delta Electronics, Inc. DIM Datasheet HTML 6Page - Delta Electronics, Inc. DIM Datasheet HTML 7Page - Delta Electronics, Inc. DIM Datasheet HTML 8Page - Delta Electronics, Inc. DIM Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
DATASHEET
DS_DIM3R3_09102010
FEATURES
High efficiency 98% @ 48Vin, 300W
Size: 70.6x36.8x12.7mm (2.78
”x1.45”x0.5”)
Standard footprint
Industry standard pin out
Input OVP, UVLO, Output OCP, OTP
8W (3.3Vdc) of isolated management power
for module self or other housekeeping
functions
5V/100mA BLUE_LED power
Input OR'ing for the A/B dual input power
feeds as well as A/B Enable signals
Inrush protection and hot swap capability
Integral EMI filter designed for the ATCA
board to meet CISPR Class B
Independent 72Vdc output for charging the
external holdup capacitors resulting in
significant board real estate savings and
bleed resistor power dissipation
ISO 9001, TL 9000, ISO 14001, QS9000,
OHSAS18001 certified manufacturing facility
UL/cUL 60950-1 (US & Canada).
APPLICATIONS
Telecom / Datacom
Wireless Networks
Optical Network Equipment
Server and Data Storage
Industrial / Testing Equipment
OPTIONS
3.3V management Power
Delphi Series DIM, 300W Dual Input Power
Processing DC/DC Power Modules
The Delphi DIM series, 300W dual redundant input power processing
isolated DC/DC converter is the latest offering from a world leader in
power system and technology and manufacturing
― Delta Electronics,
Inc. This product family provides up to 300 watts of power in an industry
standard footprint and pinout. The DIM series is designed to simplify the
task and reduce the board space of implementing dual redundant, hot
swappable 48Vdc power distribution with EMI filtering and inrush
current limiting for an ATCA (Advanced Telecommunications Computing
Architecture) or other telecom boards. In addition to processing the dual
redundant 48V bus, the DIM module also provides isolated auxiliary
3.3V
(8W),
and/or
5V
(100mA)
BLUE_LED
power
for
other
housekeeping
functions.
With
creative
design
technology
and
optimization of component placement, these converters possess
outstanding electrical and thermal performances, as well as extremely
high reliability under highly stressful operating conditions. All models
are fully protected from abnormal input/output voltage, current, and
temperature conditions. The Delphi DIM series converters meet all
safety requirements with basic insulation.


Similar Part No. - DIM

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DIM050300SFA DELTA-DIM050300SFA Datasheet
376Kb / 13P
Delphi Series DIM, 300W Dual Input Power Processing DC/DC Power Modules
DIM050300SFA DELTA-DIM050300SFA Datasheet
378Kb / 13P
300W Dual Input Power Processing DC/DC Power Modules
DIM050300SFA DELTA-DIM050300SFA Datasheet
379Kb / 14P
Delphi Series DIM, 300W Dual Input Power Processing DC/DC Power Modules
logo
Dynex Semiconductor
DIM1000ACM33-TL001 DYNEX-DIM1000ACM33-TL001 Datasheet
419Kb / 8P
IGBT Chopper Module
DIM1000ECM33-TL000 DYNEX-DIM1000ECM33-TL000 Datasheet
418Kb / 8P
IGBT Chopper Module
More results

Similar Description - DIM

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ24018QGX25 SYNQOR-PQ24018QGX25 Datasheet
2Mb / 16P
Industry standard pin-out configuration
SQ60120HZA50 SYNQOR-SQ60120HZA50 Datasheet
2Mb / 14P
Industry standard pin-out configuration
logo
Delta Electronics, Inc.
H48SA53010 DELTA-H48SA53010 Datasheet
1Mb / 13P
Industry standard pin out
H48SC3R325 DELTA-H48SC3R325 Datasheet
400Kb / 12P
Industry standard pin out
E36SR DELTA-E36SR Datasheet
824Kb / 15P
Industry standard pin out
E48SC DELTA-E48SC Datasheet
486Kb / 15P
Industry standard pin out
E48SC05015 DELTA-E48SC05015 Datasheet
471Kb / 15P
Industry standard pin out
E48SC12005 DELTA-E48SC12005 Datasheet
449Kb / 15P
Industry standard pin out
E48SH DELTA-E48SH Datasheet
1Mb / 17P
Industry standard pin out
E48SC3R325 DELTA-E48SC3R325 Datasheet
486Kb / 15P
Industry standard pin out
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com