Electronic Components Datasheet Search
  English  ▼

X  

TC9470FN Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TC9470FN
Description  Modulation DA Converter with Built-in 8-Times Oversampling Digital Filter/Dynamic Digital Bass Boost/Analog Filter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC9470FN Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TC9470FN Datasheet HTML 1Page - Toshiba Semiconductor TC9470FN Datasheet HTML 2Page - Toshiba Semiconductor TC9470FN Datasheet HTML 3Page - Toshiba Semiconductor TC9470FN Datasheet HTML 4Page - Toshiba Semiconductor TC9470FN Datasheet HTML 5Page - Toshiba Semiconductor TC9470FN Datasheet HTML 6Page - Toshiba Semiconductor TC9470FN Datasheet HTML 7Page - Toshiba Semiconductor TC9470FN Datasheet HTML 8Page - Toshiba Semiconductor TC9470FN Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
TC9470FN
2002-02-27
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC9470FN
Σ-∆ Modulation DA Converter with Built-in 8-Times Oversampling Digital Filter/Dynamic
Digital Bass Boost/Analog Filter
The TC9470FN is a second-order Σ-∆ modulation system
1-bit DA converter incorporating an 8-times oversampling digital
filter, dynamic digital bass boost function for use with compressor
operations and an analog filter developed for digital audio
equipment.
Because the IC includes an analog filter, it can output a direct
analog waveform, thus reducing the size and cost of the DA
converter.
Features
· Built-in 8-times oversampling digital filter
· Low-voltage operations (2.4 V) possible
· Built-in digital de-emphasis filter
· Built-in dynamic digital bass boost function
· In serial control mode, output amplitude can be set in 4096 steps of resolution using microcontroller commands
· In parallel control mode, soft mute can be set for the output signal in 64 steps in 23 ms
· Built-in LR common digital zero detection output circuit
· Sampling frequency: 44.1 kHz
· Supports 384 fs/256 fs (automatic switching)
· DA converter oversampling ratio (OSR): 192 fs (at 384 fs)
· Stereo/monaural output selection possible
· Built-in third-order analog filter
· The digital filter and DA converter characteristics are shown on the next page
Digital Filter
Digital Filter
Passband Ripple
Transient
Bandwidth
Attenuation
Standard operation
8 fs
±0.11dB
20 k to 24.1 kHz
−26dB or less
DA Converter (VDD = 2.7 V)
OSR
Noise Distortion
S/N Ratio
Standard operation
192 fs
−82dB (typ.)
90dB (typ.)
Weight: 0.14 g (typ.)


Similar Part No. - TC9470FN

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC9400 TELCOM-TC9400 Datasheet
154Kb / 13P
VOLTAGE-TO-FREQUENCY/FREQUENCY-TO-VOLTAGE CONVERTERS
logo
Microchip Technology
TC9400 MICROCHIP-TC9400 Datasheet
504Kb / 20P
Voltage-to-Frequency/Frequency-to-Voltage Converters
2002
logo
TelCom Semiconductor, I...
TC9400COD TELCOM-TC9400COD Datasheet
154Kb / 13P
VOLTAGE-TO-FREQUENCY/FREQUENCY-TO-VOLTAGE CONVERTERS
logo
Microchip Technology
TC9400COD MICROCHIP-TC9400COD Datasheet
504Kb / 20P
Voltage-to-Frequency/Frequency-to-Voltage Converters
2002
logo
TelCom Semiconductor, I...
TC9400CPD TELCOM-TC9400CPD Datasheet
154Kb / 13P
VOLTAGE-TO-FREQUENCY/FREQUENCY-TO-VOLTAGE CONVERTERS
More results

Similar Description - TC9470FN

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M62445FP MITSUBISHI-M62445FP Datasheet
218Kb / 17P
DIGITAL SOUND CONTROLLER WITH DYNAMIC BASS BOOST
logo
Nippon Precision Circui...
SM5813AP NPC-SM5813AP Datasheet
398Kb / 13P
EIGHT-TIMES OVERSAMPLING DIGITAL FILTER FOR DIGITAL AUDIO
SM5852FS NPC-SM5852FS Datasheet
98Kb / 12P
Digital Dynamic Bass Boost LSI
logo
Sanyo Semicon Device
LC78840M SANYO-LC78840M Datasheet
229Kb / 11P
Four-times or Eight-times Oversampling Digital Filter
logo
List of Unclassifed Man...
YM3433B ETC-YM3433B Datasheet
1Mb / 9P
2 CHANNEL 8 TIMES OVERSAMPLING DIGITAL FILTER
logo
Toshiba Semiconductor
TC9237BF TOSHIBA-TC9237BF Datasheet
596Kb / 15P
MODULATION SYSTEM DA CONVERTER WITH BUILT IN DIGITAL FILTER
TC9404FN TOSHIBA-TC9404FN Datasheet
589Kb / 15P
MODULATION SYSTEM DA CONVERTER WITH ANALOG FILTER
TC9404FNG TOSHIBA-TC9404FNG Datasheet
370Kb / 15P
誇-? Modulation System DA Converter with Analog Filter
TC9293FN TOSHIBA-TC9293FN Datasheet
577Kb / 18P
Modulation System DA converter with analog Filter
TC9293F TOSHIBA-TC9293F Datasheet
366Kb / 17P
Σ-∆ Modulation System DA Converter with Analog Filter
2003-06-27
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com