Electronic Components Datasheet Search
  English  ▼

X  

TLE6389 Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # TLE6389
Description  Step-Down DC/DC Controller
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6389 Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button TLE6389 Datasheet HTML 9Page - Infineon Technologies AG TLE6389 Datasheet HTML 10Page - Infineon Technologies AG TLE6389 Datasheet HTML 11Page - Infineon Technologies AG TLE6389 Datasheet HTML 12Page - Infineon Technologies AG TLE6389 Datasheet HTML 13Page - Infineon Technologies AG TLE6389 Datasheet HTML 14Page - Infineon Technologies AG TLE6389 Datasheet HTML 15Page - Infineon Technologies AG TLE6389 Datasheet HTML 16Page - Infineon Technologies AG TLE6389 Datasheet HTML 17Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
TLE 6389
Target Datasheet Rev. 1.7
13
2001-09-17
3.0.52 Upper reset timing
threshold
V
RDO
tbd
V
--
3.0.53 Lower timing
threshold
V
RDL
tbd
V
--
3.0.54 Reset delay time
t
d
35
50
70
ms
C
RD = 100nF
3.0.55 Reset reaction time
t
rr
10
µs
C
RD = 100nF
3.0.56 Reset Output delay
t
ROd
1µs
C
RD = 100nF
ENABLE Input
3.0.57 Enable ON-
threshold
V
ENABLE,
ON
2V
3.0.58 Enable OFF-
threshold
V
ENABLE,
OFF
0.8
V
3.0.59 H-level input current I
ENABLE,O
N
5
µA
3.0.60 L-level input current I
ENABLE,O
FF
2
µA
SI_ENABLE Input
3.0.61 Enable ON-
threshold
V
ENABLE,
ON
2V
3.0.62 Enable OFF-
threshold
V
ENABLE,
OFF
0.8
V
3.0.63 H-level input current I
ENABLE,O
N
5
µA
3
Electrical Characteristics (cont’d)
5V<
V
S <48V; - 40°C< Tj <150 °C;
all voltages with respect to ground; positive current defined flowing into the pin; unless otherwise specified
Item
Parameter
Symbol
Limit Values
Unit
Test Condition
min. typ.
max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com