Electronic Components Datasheet Search
  English  ▼

X  

BA980 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # BA980
Description  RF PIN Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BA980 Datasheet(HTML) 1 Page - Vishay Siliconix

  BA980 Datasheet HTML 1Page - Vishay Siliconix BA980 Datasheet HTML 2Page - Vishay Siliconix BA980 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
BA980
Vishay Semiconductors
1 (3)
Rev. 1, 26-Mar-01
www.vishay.com
Document Number 85636
RF PIN Diode
Features
D Wide frequency range 10 MHz to 1 GHz
Applications
Current controlled HF resistance in adjustable
attenuators
96 12009
Order Instruction
Type
Ordering Code
Remarks
BA980
BA980 – GS08
Tape and Reel ( 2.500 pcs )
BA980
BS980 – GS18
Tape and Reel ( 10.000 pcs )
Absolute Maximum Ratings
Tj = 25_C
Parameter
Test Conditions
Type
Symbol
Value
Unit
Reverse voltage
VR
30
V
Forward current
IF
50
mA
Junction temperature
Tj
125
°C
Storage temperature range
Tstg
–55...+125
°C
Maximum Thermal Resistance
Tj = 25_C
Parameter
Test Conditions
Symbol
Value
Unit
Junction ambient
on PC board 50mmx50mmx1.6mm
RthJA
500
K/W
Electrical Characteristics
Tj = 25_C
Parameter
Test Conditions
Type
Symbol
Min
Typ
Max
Unit
Forward voltage
IF=20mA
VF
1
V
Reverse current
VR=30 V
IR
50
nA
Diode capacitance
f=100MHz, VR=0
CD
0.5
pF
Differential forward
resistance
f=100MHz, IF=1.5mA
rf
40
60
W
Reverse impedance
f=100MHz, VR=0
zr
5
k
W
Minority carrier lifetime
IF=10mA, IR=10mA
t
4
ms


Similar Part No. - BA980

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BA980 VISHAY-BA980 Datasheet
320Kb / 4P
RF PIN Diode - Single in QuadroMELF SOD80
26-Jul-06
BA980 VISHAY-BA980 Datasheet
206Kb / 4P
RF PIN Diode - Single in QuadroMELF SOD-80
05-Aug-10
BA980 VISHAY-BA980 Datasheet
93Kb / 3P
RF PIN Diode - Single in QuadroMELF SOD-80
21-May-12
BA980-GS08 VISHAY-BA980-GS08 Datasheet
320Kb / 4P
RF PIN Diode - Single in QuadroMELF SOD80
26-Jul-06
BA980-GS18 VISHAY-BA980-GS18 Datasheet
320Kb / 4P
RF PIN Diode - Single in QuadroMELF SOD80
26-Jul-06
More results

Similar Description - BA980

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BAR65V-02V VISHAY-BAR65V-02V Datasheet
63Kb / 4P
RF PIN Diode
23-Oct-02
logo
DAICO Industries, Inc.
CSWX6152 DAICO-CSWX6152 Datasheet
35Kb / 1P
PIN Diode RF Switch Matrix
logo
Mitsubishi Electric Sem...
MI402 MITSUBISHI-MI402 Datasheet
173Kb / 3P
PIN DIODE RF POWER SWITCHING
MI308 MITSUBISHI-MI308 Datasheet
168Kb / 3P
PIN DIODE RF POWER SWITCHING
logo
Guangdong Kexin Industr...
BAR65V-02V KEXIN-BAR65V-02V Datasheet
31Kb / 1P
RF PIN Diode
BAR63V-02V KEXIN-BAR63V-02V Datasheet
32Kb / 1P
RF PIN Diode
logo
AVAGO TECHNOLOGIES LIMI...
HSMP-386J AVAGO-HSMP-386J Datasheet
382Kb / 6P
High Power RF PIN Diode
HSMP-386J AVAGO-HSMP-386J_15 Datasheet
382Kb / 6P
High Power RF PIN Diode
logo
Broadcom Corporation.
HSMP-386J BOARDCOM-HSMP-386J Datasheet
382Kb / 6P
High Power RF PIN Diode
logo
ON Semiconductor
NSDP301MX2W ONSEMI-NSDP301MX2W Datasheet
137Kb / 4P
PIN Diode Single PIN Diode for Attenuator and RF Switch
June, 2020 ??Rev. P7
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com