Electronic Components Datasheet Search
  English  ▼

X  

HPC16064 Datasheet(PDF) 16 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # HPC16064
Description  High-Performance microController
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

HPC16064 Datasheet(HTML) 16 Page - National Semiconductor (TI)

Back Button HPC16064 Datasheet HTML 12Page - National Semiconductor (TI) HPC16064 Datasheet HTML 13Page - National Semiconductor (TI) HPC16064 Datasheet HTML 14Page - National Semiconductor (TI) HPC16064 Datasheet HTML 15Page - National Semiconductor (TI) HPC16064 Datasheet HTML 16Page - National Semiconductor (TI) HPC16064 Datasheet HTML 17Page - National Semiconductor (TI) HPC16064 Datasheet HTML 18Page - National Semiconductor (TI) HPC16064 Datasheet HTML 19Page - National Semiconductor (TI) HPC16064 Datasheet HTML 20Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 36 page
background image
HPC46064 Operating Modes
SINGLE CHIP NORMAL MODE
In this mode the HPC46064 functions as a self-contained
microcomputer (see
Figure 15 ) with all memory (RAM and
ROM) on-chip It can address internal memory only consist-
ing of 16k bytes of ROM (C000 to FFFF) and 512 bytes of
on-chip RAM and Registers (0000 to 02FF) The ‘‘illegal
address detection’’ feature of the WATCHDOG is enabled
in the Single-Chip Normal mode and a WATCHDOG Output
(WO) will occur if an attempt is made to access addresses
that are outside of the on-chip ROM and RAM range of the
device Ports A and B are used for IO functions and not for
addressing external memory The EXM pin and the EA bit of
the PSW register must both be logic ‘‘0’’ to enter the Single-
Chip Normal mode
TLDD11372 13
FIGURE 15 Single-Chip Mode
EXPANDED NORMAL MODE
The Expanded Normal mode of operation enables the
HPC46064 to address external memory in addition to the
on-chip ROM and RAM (see Table I) WATCHDOG illegal
address detection is disabled and memory accesses may
be made anywhere in the 64k byte address range without
triggering an illegal address condition The Expanded Nor-
mal mode is entered with the EXM pin pulled low (logic ‘‘0’’)
and setting the EA bit in the PSW register to ‘‘1’’
SINGLE-CHIP ROMLESS MODE
In this mode the on-chip mask programmed ROM of the
HPC46064 is not used The address space corresponding
to the on-chip ROM is mapped into external memory so 16k
of external memory may be used with the HPC46064 (see
Table I) The WATCHDOG circuitry detects illegal address-
es (addresses not within the on-chip ROM and RAM range)
The Single-Chip ROMless mode is entered when the EXM
pin is pulled high (logic ‘‘1’’) and the EA bit is logic ‘‘0’’
TABLE I HPC46064 Operating Modes
Operating
EXM
EA
Memory
Mode
Pin
Bit
Configuration
Single-Chip Normal
0
0
C000FFFF on-chip
Expanded Normal
0
1
C000FFFF on-chip
0300BFFF off-chip
Single-Chip ROMless
1
0
C000FFFF off-chip
Expanded ROMless
1
1
0300FFFF off-chip
Note
In all operating modes the on-chip RAM and Registers (000002FF)
may be accessed
EXPANDED ROMLESS MODE
This mode of operation is similar to Single-Chip ROMless
mode in that no on-chip ROM is used however a full 64k
bytes of external memory may be used The ‘‘illegal address
detection’’ feature of WATCHDOG is disabled The EXM pin
must be pulled high (logic ‘‘1’’) and the EA bit in the PSW
register set to ‘‘1’’ to enter this mode
TLDD11372 14
FIGURE 16 8-Bit External Memory
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com