Electronic Components Datasheet Search
  English  ▼

X  

PIC12F508 Datasheet(PDF) 20 Page - Microchip Technology

Part # PIC12F508
Description  8/14-Pin, 8-Bit Flash Microcontrollers
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F508 Datasheet(HTML) 20 Page - Microchip Technology

Back Button PIC12F508 Datasheet HTML 16Page - Microchip Technology PIC12F508 Datasheet HTML 17Page - Microchip Technology PIC12F508 Datasheet HTML 18Page - Microchip Technology PIC12F508 Datasheet HTML 19Page - Microchip Technology PIC12F508 Datasheet HTML 20Page - Microchip Technology PIC12F508 Datasheet HTML 21Page - Microchip Technology PIC12F508 Datasheet HTML 22Page - Microchip Technology PIC12F508 Datasheet HTML 23Page - Microchip Technology PIC12F508 Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 98 page
background image
PIC12F508/509/16F505
DS41236A-page 18
Preliminary
 2004 Microchip Technology Inc.
4.3.2
SPECIAL FUNCTION REGISTERS
The Special Function Registers (SFRs) are registers
used by the CPU and peripheral functions to control the
operation of the device (Table 4-1).
The Special Function Registers can be classified into
two sets. The Special Function Registers associated
with the “core” functions are described in this section.
Those related to the operation of the peripheral
features are described in the section for each
peripheral feature.
TABLE 4-1:
SPECIAL FUNCTION REGISTER (SFR) SUMMARY (PIC12F508/509)
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
Power-On
Reset(2)
Page #
00h
INDF
Uses Contents of FSR to Address Data Memory (not a physical
register)
xxxx xxxx
26
01h
TMR0
8-bit Real-Time Clock/Counter
xxxx xxxx
33
02h(1)
PCL
Low-order 8 bits of PC
1111 1111
25
03h
STATUS
GPWUF
—PA0(5)
TO
PD
Z
DC
C
0-01 1xxx(3)
20
04h
FSR
Indirect Data Memory Address Pointer
111x xxxx
26
04h(4)
FSR
Indirect Data Memory Address Pointer
110x xxxx
26
05h
OSCCAL
CAL6
CAL5
CAL4
CAL3
CAL2
CAL1
CAL0
—
1111 111-
24
06h
GPIO
—
—
GP5
GP4
GP3
GP2
GP1
GP0
--xx xxxx
29
N/A
TRISGPIO
—
—
I/O Control Register
--11 1111
29
N/A
OPTION
GPWU
GPPU
TOCS
TOSE
PSA
PS2
PS1
PS0
1111 1111
22
Legend: — = unimplemented, read as ‘0’, x = unknown, u = unchanged, q = value depends on condition.
Note 1:
The upper byte of the Program Counter is not directly accessible. See Section 4.7 “Program Counter” for
an explanation of how to access these bits.
2:
Other (non Power-up) Resets include external Reset through MCLR, Watchdog Timer and wake-up on pin
change Reset.
3:
If Reset was due to wake-up on pin change, then bit 7 = 1. All other Resets will cause bit 7 = 0.
4:
PIC12F509 only.
5:
This bit is used on the PIC12F509. For code compatibility do not use this bit on the PIC12F508.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com