Electronic Components Datasheet Search
  English  ▼

X  

BGA6589 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BGA6589
Description  MMIC wideband medium power amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BGA6589 Datasheet(HTML) 4 Page - NXP Semiconductors

  BGA6589 Datasheet HTML 1Page - NXP Semiconductors BGA6589 Datasheet HTML 2Page - NXP Semiconductors BGA6589 Datasheet HTML 3Page - NXP Semiconductors BGA6589 Datasheet HTML 4Page - NXP Semiconductors BGA6589 Datasheet HTML 5Page - NXP Semiconductors BGA6589 Datasheet HTML 6Page - NXP Semiconductors BGA6589 Datasheet HTML 7Page - NXP Semiconductors BGA6589 Datasheet HTML 8Page - NXP Semiconductors BGA6589 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
2003 Sep 19
4
Philips Semiconductors
Product specification
MMIC wideband medium power amplifier
BGA6589
CHARACTERISTICS
VS =9V; IS = 84 mA; Tamb =25 °C; IP3(out) tone spacing = 1 MHz; PL = 0 dBm per tone (see Fig.2); Rbias =51 Ω;
ZL =ZS = 50 Ω; unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
TYP.
UNIT
|s21|2
insertion power gain
f = 850 MHz
22
dB
f = 1.95 GHz
17
dB
f = 2.5 GHz
15
dB
RLIN
return losses input
f = 850 MHz
9
dB
f = 1.95 GHz
11
dB
f = 2.5 GHz
15
dB
RL OUT
return losses output
f = 850 MHz
10
dB
f = 1.95 GHz
13
dB
f = 2.5 GHz
13
dB
NF
noise figure
f = 850 MHz
3.0
dB
f = 1.95 GHz
3.3
dB
f = 2.5 GHz
3.4
dB
K
stability factor
f = 850 MHz
1.1
−
f = 2.5 GHz
1.1
−
PL1dB
load power
at 1 dB gain compression; f = 850 MHz
21
dBm
at 1 dB gain compression; f = 1.95 GHz
20
dBm
IP3(in)
input intercept point
f = 850 MHz
11
dBm
f = 2.5 GHz
15
dBm
IP3(out)
output intercept point
f = 850 MHz
33
dBm
f = 2.5 GHz
30
dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com