Electronic Components Datasheet Search
  English  ▼

X  

EL4441CS Datasheet(PDF) 6 Page - Elantec Semiconductor

Part # EL4441CS
Description  Multiplexed-Input Video Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL4441CS Datasheet(HTML) 6 Page - Elantec Semiconductor

Back Button EL4441CS Datasheet HTML 2Page - Elantec Semiconductor EL4441CS Datasheet HTML 3Page - Elantec Semiconductor EL4441CS Datasheet HTML 4Page - Elantec Semiconductor EL4441CS Datasheet HTML 5Page - Elantec Semiconductor EL4441CS Datasheet HTML 6Page - Elantec Semiconductor EL4441CS Datasheet HTML 7Page - Elantec Semiconductor EL4441CS Datasheet HTML 8Page - Elantec Semiconductor EL4441CS Datasheet HTML 9Page - Elantec Semiconductor EL4441CS Datasheet HTML 10Page - Elantec Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
EL4421C22C41C42C43C44C
Multiplexed-Input Video Amplifiers
Typical Performance Curves
Contd
and Peaking vs Supply Voltage
3 dB Bandwidth Slewrate
EL4421 EL4441 and EL4443
4421 14
and Peaking vs Supply Voltage
3 dB Bandwidth Slewrate
EL4422 EL4442 and EL4444
4421 15
vs Temperature AV ea1 RL e500X
Bandwidth Slewrate and Peaking
EL4421 EL4441 and EL4443
4421 16
AV ea2 RL e 150X RI e RG e 270X CF e 3pF
Slewrate and Peaking vs Temperature
EL4422 EL4442 and EL4444 Bandwidth
4421 17
vs Load Resistance
3 dB Bandwidth and Gain Error
EL4421 EL4441 and EL4443
4421 18
Input Noise vs Frequency
4421 19
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com