Electronic Components Datasheet Search
  English  ▼

X  

DS8615 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS8615
Description  130/225 MHz Low Power Dual Modulus Prescaler
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS8615 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  DS8615 Datasheet HTML 1Page - National Semiconductor (TI) DS8615 Datasheet HTML 2Page - National Semiconductor (TI) DS8615 Datasheet HTML 3Page - National Semiconductor (TI) DS8615 Datasheet HTML 4Page - National Semiconductor (TI) DS8615 Datasheet HTML 5Page - National Semiconductor (TI) DS8615 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
AC Electrical Characteristics VCC
5V g10% TA
b
30 Cto a70 C
Symbol
Parameter
Conditions
Min
Max
Units
tMODULUS
Modulus Set-Up Time
DS8615 DS8616
65
ns
(Notes 4 and 5)
RIN
AC Input Resistance
VIN
100 MHz and 50 mVrms
10
kX
CIN
Input Capacitance
VIN
100 MHz and 50 mVrms
3
10
pF
Note 1
‘‘Absolute Maximum Ratings’’ are those values beyond which the safety of the device cannot be guaranteed Except for ‘‘Operating Temperature Range’’
they are not meant to imply that the devices should be operated at these limits The table of ‘‘Electrical Characteristics’’ provides conditions for actual device
operation
Note 2
Unless otherwise specified minmax limits apply across the
30 Cto a70 C temperature range
Note 3
All currents into device pins are shown as positive out of device pins as negative all voltages referenced to ground unless otherwise noted All values
shown as max or min on absolute value basis
Note 4
tMODULUS
the period of time the modulus control level must be defined prior to the positive transition of the prescaler output to ensure proper modulus
selection
Note 5
See Timing Diagrams
Timing Diagram
TLF5240 3
The logical state of the modulus control input just prior to the output’s rising edge will determine the modulus ratio of the device
immediately following that rising edge The pulse width difference of N and N a 1 operation occurs during the output
HI conditions
Typical Applications
TLF5240 4
TLF5240 5
Schematic Diagrams
TLF5240 6
TLF5240 7
TLF5240 8
3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com