Electronic Components Datasheet Search
  English  ▼

X  

DS8616 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS8616
Description  130/225 MHz Low Power Dual Modulus Prescaler
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS8616 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  DS8616 Datasheet HTML 1Page - National Semiconductor (TI) DS8616 Datasheet HTML 2Page - National Semiconductor (TI) DS8616 Datasheet HTML 3Page - National Semiconductor (TI) DS8616 Datasheet HTML 4Page - National Semiconductor (TI) DS8616 Datasheet HTML 5Page - National Semiconductor (TI) DS8616 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Absolute Maximum Ratings (Note 1)
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
VS Unregulated Supply Voltage
15V
VREG Regulated Supply Voltage
7V
Modulus Control Input Voltage
7V
Open-Collector Output Voltage
7V
Operating Free Air Temperature Range
b
30 Cto a70 C
Storage Temperature Range
b
65 Cto a150 C
Recommended Operating Conditions
Symbol
Parameter
Conditions
DS8615-4
DS8615-2
DS8616-4
DS8616-2
Units
Min
Max
Min
Max
VS
Unregulated Supply Voltage
VREG
Open
68
135
55
135
V
VREG
Regulated Supply Voltage
VS and VREG Shorted
45
55
45
55
V
fMAX
Toggle Frequency
VIN
100 mVrms
20
130
225
MHz
VIN
Input Signal Amplitude
100
300
40
300
mVrms
VSLW
Slew Rate
20
20
V ms
IOH
High Level Output Current
b
400
b
400
m
A
IOL
Low Level Output Current
20
20
mA
DC Electrical Characteristics (Notes 2 and 3)
DS8615-4
DS8615-2
Symbol
Parameter
Conditions
DS8616-4
DS8616-2
Units
Min
Max
Min
Max
VIH
High Level MC Input
VS
135V VREG
Open
20
20
V
Voltage
VIL
Low Level MC Input
VREG
VS
45V
08
08
V
Voltage
VOH
High Level Output
IOH
b
04 mA
VREG b2VREG b2V
Voltage
Pins 2 and 3 Shorted
ICEX
Open-Collector High
Lower Output
55V
100
100
m
A
Level Output
VOL
Low Level Output
VREG
45V IOL
2mA
05
05
V
Voltage
II
Max MC Input Current
VS
135V VREG
Open
100
100
m
A
VIH
7V
IIH
High Level MC Input
VREG
45V VIH
27V
20
20
m
A
Current
IIL
Low Level MC Input
VS
135V VREG
Open
b
200
b
200
m
A
Current
VIL
04V
IS
Supply Current
VS
135V VREG
Open
10
10
mA
Unregulated Mode
IREG
Supply Current
VS
VREG
55V
10
10
mA
Regulated Mode
Note 1
‘‘Absolute Maximum Ratings’’ are those values beyond which the safety of the device cannot be guaranteed They are not meant to imply that the device
should be operated at these limits The table of ‘‘Electrical Characteristics’’ provides conditions for actual device operation
Note 2
Unless otherwise specified MinMax limits apply across the
30 Cto a70 C range
Note 3
All current into device pins shown as positive out of device pins as negative all voltages referenced to ground unless otherwise noted All values shown as
Max or Min on absolute value basis
2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com