Electronic Components Datasheet Search
  English  ▼

X  

EL4444CS Datasheet(PDF) 3 Page - Elantec Semiconductor

Part # EL4444CS
Description  Multiplexed-Input Video Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL4444CS Datasheet(HTML) 3 Page - Elantec Semiconductor

  EL4444CS Datasheet HTML 1Page - Elantec Semiconductor EL4444CS Datasheet HTML 2Page - Elantec Semiconductor EL4444CS Datasheet HTML 3Page - Elantec Semiconductor EL4444CS Datasheet HTML 4Page - Elantec Semiconductor EL4444CS Datasheet HTML 5Page - Elantec Semiconductor EL4444CS Datasheet HTML 6Page - Elantec Semiconductor EL4444CS Datasheet HTML 7Page - Elantec Semiconductor EL4444CS Datasheet HTML 8Page - Elantec Semiconductor EL4444CS Datasheet HTML 9Page - Elantec Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
EL4421C22C41C42C43C44C
Multiplexed-Input Video Amplifiers
Open-Loop DC Electrical Characteristics
Contd
Power supplies at g5V TA
25 C
Parameter
Description
Min
Typ
Max
Test
Units
Level
CMIR
Common-Mode Input Range
g
25
g
3I
V
(Note 3) EL4443 and EL4444
VOUT
Output Swing
g
25
g
35
I
V
ISC
Output Short-Circuit Current
g
40
g
80
I
mA
FT
Unselected Channel Feedthrough ’21 ’41 ’43
70
80
I
dB
Attenuation (Note 1)
’22 ’42 ’44
55
64
I
dB
ILOGIC
Input Current at A0 and A1
b
16
b
80
I
mA
with Input
0V and 5V
VLOGIC
Logic Valid High and Low Input Levels
08
20
I
V
IS
Supply Current
EL4421 and EL4422
11
14
ImA
EL4441 EL4442 EL4443 and EL4444
13
16
Note 1 The 21
41 and 43 devices are connected for unity-gain operation with 75
X load and an input span of g1V The 22
42
and 44 devices are connected for a gain of a2 with a 150
X load and a g1V input span with RF
RG
270
X
Note 2 The 21 and 41 devices are connected for unity gain with a g3V input span while the output swing is measured
Note 3 CMIR is assured by passing the CMRR test at input voltage extremes
Closed-Loop AC Electrical Characteristics
Power supplies at g5V TA
25 C for EL4421 EL4441 and EL4443 AV
a
1 and RL
500
X for EL4422 EL4442 and EL4444
AV
a
2 and RL
150
X with RF
RG
270
X and CF
3 pF for all CL
15 pF
Parameter
Description
Min
Typ
Max
Test
Units
Level
BW b 3dB
b
3 dB Small-Signal Bandwidth EL4421 ’41 ’43
80
V
MHz
EL4422 ’42 ’44
65
V
MHz
BW g 01 dB
01 dB Flatness Bandwidth
10
V
MHz
Peaking
Frequency Response Peaking
05
V
dB
SR
Slewrate VOUT between b25V and a25V VS
g
12V
EL4421 EL4441 EL4443
150
200
I
V
msec
EL4422 EL4442 EL4444
180
240
I
V
msec
Vn
Input-Referred Noise Voltage Density
EL4421 EL4441 EL4443
18
V
nVrt-hz
EL4422 EL4442 EL4444
14
V
nVrt-hz
dG
Differential Gain Error VOFFSET between b07V and a07V
EL4421 EL4441 EL4443 (VS
g
12V)
001
V
%
EL4421 EL4441 EL4443 (VS
g
5V)
010
V
%
EL4422 EL4442 EL4444 (VS
g
12V)
002
V
%
EL4422 EL4442 EL4444 (VS
g
5V)
011
V
%
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com