Electronic Components Datasheet Search
  English  ▼

X  

DS8820 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS8820
Description  Dual Line Receiver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS8820 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  DS8820 Datasheet HTML 1Page - National Semiconductor (TI) DS8820 Datasheet HTML 2Page - National Semiconductor (TI) DS8820 Datasheet HTML 3Page - National Semiconductor (TI) DS8820 Datasheet HTML 4Page - National Semiconductor (TI) DS8820 Datasheet HTML 5Page - National Semiconductor (TI) DS8820 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Absolute Maximum Ratings (Note 1)
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Supply Voltage
80V
Input Voltage
g
20V
Differential Input Voltage
g
20V
Strobe Voltage
80V
Output Sink Current
25 mA
Storage Temperature Range
b
65 Cto a150 C
Lead Temperature (Soldering 4 sec)
260 C
Maximum Power Dissipation at 25 C
Cavity Package
1308 mW
Molded Package
1207 mW
Derate cavity package 87 mW C above 25 C derate molded package
97 mW C above 25 C
Operating Conditions
Min
Max
Units
Supply Voltage (VCC)
DS7820
45
55
V
DS8820
475
525
V
Temperature (TA)
DS7820
b
55
a
125
C
DS8820
0
a
70
C
Electrical Characteristics (Notes 2 and 3)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VTH
Input Threshold Voltage
VCM
0V
b
05
0
05
V
b
15V s VCM s 15V
b
10
0
10
V
VOH
High Output Level
IOUT s 02 mA
25
55
V
VOL
Low Output Level
ISINK s 35 mA
0
04
V
RI
Inverting Input Resistance
36
50
kX
RIa
Non-Inverting Input Resistance
18
25
kX
RT
Line Termination Resistance
TA
25 C
120
170
250
X
tr
Response Time
CDELAY
0pF
40
ns
CDELAY
100 pF
150
ns
IST
Strobe Current
VSTROBE
04V
b
10
b
14
mA
VSTROBE
55V
50
m
A
ICC
Power Supply Current
VIN
15V
32
60
mA
VIN
0V
58
102
mA
VIN
b
15V
83
150
mA
IINa
Non-Inverting Input Current
VIN
15V
50
70
mA
VIN
0V
b
16
b
10
mA
VIN
b
15V
b
98
b
70
mA
IIN
Inverting Input Current
VIN
15V
30
42
mA
VIN
0V
0
b
05
mA
VIN
b
15V
b
42
b
30
mA
Note 1
‘‘Absolute Maximum Ratings’’ are those values beyond which the safety of the device cannot be guaranteed Except for ‘‘Operating Temperature Range’’
they are not meant to imply that the devices should be operated at these limits The table of ‘‘Electrical Characteristics’’ provides conditions for actual device
operation
Note 2
These specifications apply for 45V s VCC s 55V
15V s VCM s 15V and
55 C s TA s a125 C for the DS7820 or 0 C s TA s a70 C for the
DS8820 unless otherwise specified typical values given are for VCC
50V TA
25 C and VCM
0 unless stated differently
Note 3
All currents into device pins shown as positive out of device pins as negative all voltages referenced to ground unless otherwise noted All values shown
as max or min on absolute value basis
Note 4
The specifications and curves given are for one side only Therefore the total package dissipation and supply currents will be double the values given when
both receivers are operated under identical conditions
http
www nationalcom
2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com