Electronic Components Datasheet Search
  English  ▼

X  

DS8832 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS8832
Description  Dual TRI-STATEÉ Line Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS8832 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  DS8832 Datasheet HTML 1Page - National Semiconductor (TI) DS8832 Datasheet HTML 2Page - National Semiconductor (TI) DS8832 Datasheet HTML 3Page - National Semiconductor (TI) DS8832 Datasheet HTML 4Page - National Semiconductor (TI) DS8832 Datasheet HTML 5Page - National Semiconductor (TI) DS8832 Datasheet HTML 6Page - National Semiconductor (TI) DS8832 Datasheet HTML 7Page - National Semiconductor (TI) DS8832 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Absolute Maximum Ratings (Note 1)
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Supply Voltage
7V
Input Voltage
55V
Output Voltage
55V
Storage Temperature Range
b
65 Cto a150 C
Lead Temperature (Soldering 4 sec)
260 C
Maximum Power Dissipation at 25 C
Cavity Package
1433 mW
Molded Package
1362 mW
Derate cavity package 96 mW C above 25 C derate molded package
109 mW C above 25 C
Operating Conditions
Min
Max
Units
Supply Voltage (VCC)
DS7831DS7832
45
55
V
DS8831DS8832
475
525
V
Temperature (TA)
DS7831DS7832
b
55
a
125
C
DS8831DS8832
0
a
70
C
Electrical Characteristics (Notes 2 and 3)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VIH
Logical ‘‘1’’ Input Voltage
VCC
Min
20
V
VIL
Logical ‘‘0’’ Input Voltage
VCC
Min
08
V
VOH
Logical ‘‘1’’ Output Voltage
DS7831DS7832
IO
b
40 mA
18
23
V
VCC
Min
IO
b
2 mA
24
27
V
DS8831DS8832
IO
b
40 mA
18
25
V
IO
b
52 mA
24
29
V
VOL
Logical ‘‘0’’ Output Voltage
DS7831DS7832
IO
40 mA
029
050
V
VCC
Min
IO
32 mA
040
V
DS8831DS8832
IO
40 mA
029
050
V
IO
32 mA
040
V
IIH
Logical ‘‘1’’ Input Current
VCC
Max
DS7831DS7832 VIN
55V
1
mA
DS8831DS8832 VIN
24V
40
m
A
IIL
Logical ‘‘0’’ Input Current
VCC
Max VIN
04V
b
10
b
16
mA
IOD
Output Disable Current
VCC
Max VO
24V or 04V
b
40
40
m
A
ISC
Output Short Circuit Current
VCC
Max (Note 4)
b
40
b
100
b
120
mA
ICC
Supply Current
VCC
Max in TRI-STATE
65
90
mA
VCLI
Input Diode Clamp Voltage
VCC
50V TA
25 C IIN
b
12 mA
b
15
V
VCLO
Output Diode Clamp Voltage VCC
50V
IOUT
b
12 mA DS7831DS8831
b
15
V
TA
25 C
DS7832DS8832
IOUT
12 mA
DS7831DS8831
VCC a 15
V
http
www nationalcom
2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com