Electronic Components Datasheet Search
  English  ▼

X  

AS300VS13 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # AS300VS13
Description  Shunt Temperature Sensor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AS300VS13 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  AS300VS13 Datasheet HTML 1Page - List of Unclassifed Manufacturers AS300VS13 Datasheet HTML 2Page - List of Unclassifed Manufacturers AS300VS13 Datasheet HTML 3Page - List of Unclassifed Manufacturers AS300VS13 Datasheet HTML 4Page - List of Unclassifed Manufacturers AS300VS13 Datasheet HTML 5Page - List of Unclassifed Manufacturers AS300VS13 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
ASTEC Semiconductor
AS300
Shunt Temperature Sensor
Features
¥
Calibrated directly in Kelvin
¥
Linear 10 mV/¡C scale factor
¥
1¡C typical accuracy at 27¡C (300 K)
¥
Fully rated for Ð40 to 125¡C
(233 to 398 K)
¥
Suitable for remote applications
¥
Low-impedance output, 0.3 ½ for a
1 mA load
¥
Now available in the SOT-223 for
improved substrate temperature
sensing
Description
The AS300 is a two-terminal integrated circuit temperature sensor. It is
a precision-trimmed shunt type regulator that emulates a zener diode
in function. Its output voltage is linearly proportional to temperature in
Kelvin. The output voltage is calibrated for 3.000 V at 27¡C (300 K) and
increases by 10 mV/¡C.
The AS300 is available in four packages.The SOT-223 offers a large
heat-sink for transferring heat to the die for fast and accurate thermal
sensing. The SOT-223 is especially effective at sensing the tem-
perature of hybrid and MCM substrates. The SOT-23 is best-suited
for applications requiring a small footprint or precision force/sense
metering.
SEMICONDUCTOR
Pin Configuration Ñ Top view
Ordering Information
V
TEMP
TO-92 (LP)
SOT-223 (G)
GND (F)
GND (S)
V
TEMP
GND (F)
GND (S)
SOIC (D)
N/C
N/C
V
TEMP (F)
V
TEMP (F)
GND (S)
GND (F)
N/C
N/C
1
2
3
4
8
7
6
5
SOT-23/3L (VS)
V
TEMP
GND
GND
Circuit Type:
Shunt Temperature Sensor
AS300
LP
A
Packaging Option:
A
B
T
7
13
Package Style:
D
G
LP
VS
= Ammo Pack
= Bulk
= Tube
= Tape and Reel (7" Reel Dia)
= Tape and Reel (13" Reel Dia)
= SOIC
= SOT-223
= TO-92
= SOT-23/3L


Similar Part No. - AS300VS13

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AS300 ETC-AS300 Datasheet
442Kb / 4P
HOL-SEALERS Hole Seals
logo
Pentair Equipment Prote...
AS300 HOFFMANPRODUCTS-AS300 Datasheet
611Kb / 4P
HOL-SEALERS™ Hole Seals
logo
List of Unclassifed Man...
AS300350400NM ETC-AS300350400NM Datasheet
442Kb / 4P
HOL-SEALERS Hole Seals
logo
Pentair Equipment Prote...
AS300350400NM HOFFMANPRODUCTS-AS300350400NM Datasheet
611Kb / 4P
HOL-SEALERS™ Hole Seals
logo
List of Unclassifed Man...
AS300SS ETC-AS300SS Datasheet
442Kb / 4P
HOL-SEALERS Hole Seals
More results

Similar Description - AS300VS13

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZNI1000 ZETEX-ZNI1000_06 Datasheet
107Kb / 5P
TEMPERATURE SENSOR
logo
Diodes Incorporated
ZNI1000 DIODES-ZNI1000 Datasheet
165Kb / 6P
Temperature sensor
JUNE 2007
logo
Thinking Electronic Ind...
PTLS2101RP416 THINKING-PTLS2101RP416 Datasheet
420Kb / 7P
Temperature Sensor
logo
Texas Instruments
TMP435 TI1-TMP435 Datasheet
810Kb / 33P
TEMPERATURE SENSOR
logo
Integrated Device Techn...
TS3000GB0A0 IDT-TS3000GB0A0 Datasheet
706Kb / 25P
Temperature Sensor
logo
Texas Instruments
TMP431 TI1-TMP431 Datasheet
1Mb / 47P
Temperature Sensor
logo
TE Connectivity Ltd
RTD TEC-RTD Datasheet
118Kb / 3P
Temperature Sensor
logo
Analog Devices
AD7291 AD-AD7291_17 Datasheet
572Kb / 29P
Temperature Sensor
07-Sep-2017
logo
TRACO Electronic AG
TBL-BC-TS1 TRACOPOWER-TBL-BC-TS1 Datasheet
219Kb / 1P
Temperature Sensor
Rev. June 30, 2021
TSP-TS TRACOPOWER-TSP-TS Datasheet
230Kb / 1P
Temperature Sensor
Rev. June 30, 2021
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com