Electronic Components Datasheet Search
  English  ▼

X  

LM221H Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM221H
Description  Precision Preamplifiers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM221H Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM221H Datasheet HTML 1Page - National Semiconductor (TI) LM221H Datasheet HTML 2Page - National Semiconductor (TI) LM221H Datasheet HTML 3Page - National Semiconductor (TI) LM221H Datasheet HTML 4Page - National Semiconductor (TI) LM221H Datasheet HTML 5Page - National Semiconductor (TI) LM221H Datasheet HTML 6Page - National Semiconductor (TI) LM221H Datasheet HTML 7Page - National Semiconductor (TI) LM221H Datasheet HTML 8Page - National Semiconductor (TI) LM221H Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Absolute Maximum Ratings
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Supply Voltage
g
20V
Power Dissipation (Note 1)
500 mW
Differential Input Voltage (Notes 2 and 3)
g
15V
Input Voltage (Note 3)
g
15V
Operating Temperature Range
LM221 LM121A (-883) LM121 (-883)
b
25 Cto a85 C
LM321 LM321A
0 Cto a70 C
Storage Temperature Range
b
65 Cto a150 C
Lead Temperature (Soldering 10 sec)
260 C
ESD rating to be determined
Electrical Characteristics (Note 4) LM221 LM321
Parameter
Conditions
LM221
LM321
Units
Min
Typ
Max
Min
Typ
Max
Input Offset Voltage
TA
25 C 64k s RSET s 70k
07
15
mV
Input Offset Current
TA
25 C
RSET
70k
1
2
nA
RSET
64k
10
20
nA
Input Bias Current
TA
25 C
RSET
70k
10
18
nA
RSET
64k
100
180
nA
Input Resistance
TA
25 C
RSET
70k
4
2
MX
RSET
64k
04
02
MX
Supply Current
TA
25 C RSET
70k
15
22
mA
Input Offset Voltage
64k s RSET s 70k
10
25
mV
Input Bias Current
RSET
70k
30
28
nA
RSET
64k
300
280
nA
Input Offset Current
RSET
70k
3
4
nA
RSET
64k
30
40
nA
Input Offset Current Drift
RSET
70k
3
3
pA C
Average Temperature
RS s 200X 64k s RSET s 70k
Coefficient of Input
Offset Voltage Nulled
1
1
m
V C
Offset Voltage
Long Term Stability
5
5
m
Vyr
Supply Current
25
35
mA
Input Voltage Range
VS
g
15V (Note 5)
RSET
70k
g
13
g
13
V
RSET
64k
a
7 b13
a
7 b13
V
Common-Mode Rejection
RSET
70k
120
114
dB
Ratio
RSET
64k
114
114
dB
Supply Voltage Rejection
RSET
70k
120
114
dB
Ratio
RSET
64k
114
114
dB
Voltage Gain
TA
25 C RSET
70k
RL l 3MX
16
12
VV
Noise
RSET
70k RSOURCE
0
8
8
nV
0Hz
Note 1
The maximum junction temperature of the LM221 is 100 C The maximum junction temperature of the LM321 is 85 C For operating at elevated
temperature devices in the H08 package must be derated based on a thermal resistance of 150 CW junction to ambient or 18 CW junction to case
Note 2
The inputs are shunted with back-to-back diodes in series with a 500X resistor for overvoltage protection Therefore excessive current will flow if a
differential input voltage in excess of 1V is applied between the inputs
Note 3
For supply voltages less than g15V the absolute maximum input voltage is equal to the supply voltage
Note 4
These specifications apply for g5 s VS s g20V and
55 C s TA s a125 C unless otherwise specified With the LM221 however all temperature
specifications are limited to
25 C s TA s a85 C and for the LM321 the specifications apply over a 0 Cto a70 C temperature range
Note 5
External precision resistor
01%
can be placed from pins 1 and 8 to 7 increase positive common-mode range
3



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com