Electronic Components Datasheet Search
  English  ▼

X  

LM832 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM832
Description  Dynamic Noise Reduction System DNR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM832 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LM832 Datasheet HTML 1Page - National Semiconductor (TI) LM832 Datasheet HTML 2Page - National Semiconductor (TI) LM832 Datasheet HTML 3Page - National Semiconductor (TI) LM832 Datasheet HTML 4Page - National Semiconductor (TI) LM832 Datasheet HTML 5Page - National Semiconductor (TI) LM832 Datasheet HTML 6Page - National Semiconductor (TI) LM832 Datasheet HTML 7Page - National Semiconductor (TI) LM832 Datasheet HTML 8Page - National Semiconductor (TI) LM832 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Circuit Operation
The LM832 has two signal paths a main signal path and a
bandwidth control path The main path is an audio low pass
filter comprised of a gm block with a variable current and a
unity gain buffer As seen in
Figure 1 DC feedback con-
strains the low frequency gain to Av
b
1 Above the cutoff
frequency of the filter the output decreases at b6 dBoct
due to the action of the 0022 mF capacitor
The purpose of the control path is to generate a bandwidth
control signal which replicates the ear’s sensitivity to noise
in the presence of a tone A single control path is used for
both channels to keep the stereo image from wandering
This is done by adding the right and left channels together
in the summing amplifier of
Figure 1 The R1 R2 resistor
divider adjusts the incoming noise level to slightly open the
bandwidth of the low pass filter Control path gain is about
60dB and is set by the gain amplifier and peak detector
gain This large gain is needed to ensure the low pass filter
bandwidth can be opened by very low noise floors The ca-
pacitors between the summing amplifier output and the
peak detector input determine the frequency weighting as
shown in the typical performance curves The 1 mF capaci-
tor at pin 10 in conjunction with internal resistors sets the
attack and decay times The voltage is converted into a
proportional current which is fed into the gm blocks The
bandwidth sensitivity to gm current is 70 Hz mA In FM
stereo applications a 19 kHz pilot filter is inserted between
pin 8 and pin 9 as shown in
Figure 16
Normal methods of evaluating the frequency response of
the LM 832 can be misleading if the input signal is also
applied to the control path Since the control path includes a
frequency weighting network a constant amplitude but vary-
ing frequency input signal will change the audio signal path
bandwidth in a non-linear fashion Measurements of the au-
dio signal path frequency response will therefore be in error
since the bandwidth will be changing during the measure-
ment See
Figure 9 for an example of the misleading results
that can be obtained from this measurement approach Al-
though the frequency response is always flat below a single
high-frequency pole the lower curves do not resemble sin-
gle pole responses at all
A more accurate evaluation of the frequency response can
be seen in
Figure 8 In this case the main signal path is
frequency swept while the control path has a constant fre-
quency applied It can be seen that different control path
frequencies each give a distinctive gain roll-off
PSYCHOACOUSTIC BASICS
The dynamic noise reduction system is a low pass filter that
has a variable bandwidth of 1 kHz to 30 kHz dependent on
music spectrum The DNR system operates on three princi-
ples of psychoacoustics
1 Music and speech can mask noise In the absence of
source material background noise can be very audible
However when music or speech is present the human ear
is less able to distinguish the noisethe source material is
said to mask the noise The degree of masking is depen-
dent on the amplitude and spectral content (frequencies) of
the source material but in general multiple tones around 1
kHz are capable of providing excellent masking of noise
over a very wide frequency range
2 The ear cannot detect distortion for less than 1 ms On a
transient basis if distortion occurs in less than 1 ms the ear
acts as an integrator and is unable to detect it Because of
this signals of sufficient energy to mask noise open the
bandwidth to 90% of the maximum value in less than 1 ms
Reducing the bandwidth to within 10% of its minimum value
is done in about 60 ms long enough to allow the ambience
of the music to pass through but not so long as to allow the
noise floor to become audible
3 Reducing the audio bandwidth reduces the audibility of
noise Audibility of noise is dependent on noise spectrum or
how the noise energy is distributed with frequency Depend-
ing on the tape and the recorder equalization tape noise
spectrum may be slightly rolled off with frequency on a per
octave basis The ear sensitivity on the other hand greatly
increases between 2 kHz and 10 kHz Noise in this region is
extremely audible The DNR system low pass filters this
noise Low frequency music will not appreciably open the
DNR bandwidth thus 2 kHz to 20 kHz noise is not heard
Application Hints
The DNR system should always be placed before tone and
volume controls as shown in
Figure 1 This is because any
adjustment of these controls would alter the noise floor
seen by the DNR control path The sensitivity resistors R1
and R2 may need to be switched with the input selector
depending on the noise floors of different sources ie tape
FM phono To determine the value of R1 and R2 in a tape
system for instance apply tape noise (no program material)
and adjust the ratio of R1 and R2 to slightly open the band-
width of the main signal path This can easily be done by
viewing the capacitor voltage of pin 10 with an oscilloscope
or by using the circuit of
Figure 12 This circuit gives an LED
display of the voltage on the peak detector capacitor Adjust
the values of R1 and R2 (their sum is always 1 kX) to light
the LEDs of pin 1 and pin 18 The LED bar graph does not
indicate signal level but rather instantaneous bandwidth of
the two filters it should not be used as a signal-level indica-
tor For greater flexibility in setting the bandwidth sensitivity
R1 and R2 could be replaced bya1kX potentiometer
To change the minimum and maximum value of bandwidth
the integrating capacitors C3 and C10 can be scaled up or
down Since the bandwidth is inversely proportional to the
capacitance changing this 0022 mF capacitor to 0015 mF
will change the typical bandwidth from 1 kHz – 30 kHz to 15
kHz – 44 kHz With C3 and C10 set at 0022 mF the maxi-
mum bandwidth is typically 30 kHz A double pole double
throw switch can be used to completely bypass DNR
The capacitor on pin 10 in conjunction with internal resistors
sets the attack and decay times The attack time can be
altered by changing the size of C9 Decay times can be
decreased by paralleling a resistor with C9 and increased
by increasing the value of C9
When measuring the amount of noise reduction of DNR in a
cassette tape system the frequency response of the cas-
sette should be flat to 10 kHz The CCIR weighting network
has substantial gain to 8 kHz and any additional roll-off in
the cassette player will reduce the benefits of DNR noise
reduction A typical signal-to-noise measurement circuit is
shown in
Figure 13 The DNR system should be switched
from maximum bandwidth to nominal bandwidth with tape
noise as a signal source The reduction in measured noise is
the signal-to-noise ratio improvement
5



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com