Electronic Components Datasheet Search
  English  ▼

X  

LT1818 Datasheet(PDF) 3 Page - Linear Technology

Part # LT1818
Description  Single/Dual Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1818 Datasheet(HTML) 3 Page - Linear Technology

  LT1818 Datasheet HTML 1Page - Linear Technology LT1818 Datasheet HTML 2Page - Linear Technology LT1818 Datasheet HTML 3Page - Linear Technology LT1818 Datasheet HTML 4Page - Linear Technology LT1818 Datasheet HTML 5Page - Linear Technology LT1818 Datasheet HTML 6Page - Linear Technology LT1818 Datasheet HTML 7Page - Linear Technology LT1818 Datasheet HTML 8Page - Linear Technology LT1818 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
LT1818/LT1819
18189f
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
RIN
Input Resistance
VCM = V
– + 1.5V to V+ – 1.5V
1.5
5
M
Ω
Differential
750
k
Ω
CIN
Input Capacitance
1.5
pF
VCM
Input Voltage Range
Guaranteed by CMRR
±3.5
±4.2
V
(Positive/Negative)
TA = –40°C to 85°C
q
±3.5
V
CMRR
Common Mode Rejection Ratio
VCM = ±3.5V
75
85
dB
TA = 0°C to 70°C
q
73
dB
TA = –40°C to 85°C
q
72
dB
Minimum Supply Voltage
Guaranteed by PSRR
±1.25
±2V
TA = –40°C to 85°C
q
±2V
PSRR
Power Supply Rejection Ratio
VS = ±2V to ±5.5V
78
97
dB
TA = 0°C to 70°C
q
76
dB
TA = –40°C to 85°C
q
75
dB
AVOL
Large-Signal Voltage Gain
VOUT = ±3V, RL = 500Ω
1.5
2.5
V/mV
TA = 0°C to 70°C
q
1.0
V/mV
TA = –40°C to 85°C
q
0.8
V/mV
VOUT = ±3V, RL = 100Ω
1.0
6
V/mV
TA = 0°C to 70°C
q
0.7
V/mV
TA = –40°C to 85°C
q
0.6
V/mV
Channel Separation
VOUT = ±3V, LT1819
82
100
dB
TA = 0°C to 70°C
q
81
dB
TA = –40°C to 85°C
q
80
dB
VOUT
Output Swing(Positive/Negative)
RL = 500Ω, 30mV Overdrive
±3.8
±4.1
V
TA = 0°C to 70°C
q
±3.7
V
TA = –40°C to 85°C
q
±3.6
V
RL = 100Ω, 30mV Overdrive
±3.50
±3.8
V
TA = 0°C to 70°C
q
±3.25
V
TA = –40°C to 85°C
q
±3.15
V
IOUT
Output Current
VOUT = ±3V, 30mV Overdrive
±40
±70
mA
TA = 0°C to 70°C
q
±35
mA
TA = –40°C to 85°C
q
±30
mA
ISC
Output Short-Circuit Current
VOUT = 0V, 1V Overdrive (Note 3)
±100
±200
mA
TA = 0°C to 70°C
q
±90
mA
TA = –40°C to 85°C
q
±70
mA
SR
Slew Rate
AV = 1
2500
V/
µs
AV = –1 (Note 5)
900
1800
V/
µs
TA = 0°C to 70°C
q
750
V/
µs
TA = –40°C to 85°C
q
600
V/
µs
FPBW
Full Power Bandwidth
6VP-P (Note 6)
95
MHz
GBW
Gain Bandwidth Product
f = 4MHz, RL = 500Ω
270
400
MHz
TA = 0°C to 70°C
q
260
MHz
TA = –40°C to 85°C
q
250
MHz
tr, tf
Rise Time, Fall Time
AV = 1, 10% to 90%, 0.1V Step
0.6
ns
tPD
Propagation Delay
AV = 1, 50% to 50%, 0.1V Step
1.0
ns
OS
Overshoot
AV = 1, 0.1V, RL = 100Ω
20
%
tS
Settling Time
AV = –1, 0.1%, 5V
10
ns
HD
Harmonic Distortion
HD2, AV = 2, f = 5MHz, VOUT = 2VP-P, RL = 500Ω
–85
dBc
HD3, AV = 2, f = 5MHz, VOUT = 2VP-P, RL = 500Ω
–89
dBc
dG
Differential Gain
AV = 2, RL = 150Ω
0.07
%
dP
Differential Phase
AV = 2, RL = 150Ω
0.02
DEG
IS
Supply Current
Per Amplifier
9
10
mA
TA = 0°C to 70°C
q
13
mA
TA = –40°C to 85°C
q
14
mA
ELECTRICAL CHARACTERISTICS The q denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (Note 9) VS = ±5V, VCM = 0V, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com