Electronic Components Datasheet Search
  English  ▼

X  

LT3010 Datasheet(PDF) 21 Page - Linear Technology

Part # LT3010
Description  Step-Down Switching Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3010 Datasheet(HTML) 21 Page - Linear Technology

Back Button LT3010 Datasheet HTML 17Page - Linear Technology LT3010 Datasheet HTML 18Page - Linear Technology LT3010 Datasheet HTML 19Page - Linear Technology LT3010 Datasheet HTML 20Page - Linear Technology LT3010 Datasheet HTML 21Page - Linear Technology LT3010 Datasheet HTML 22Page - Linear Technology LT3010 Datasheet HTML 23Page - Linear Technology LT3010 Datasheet HTML 24Page - Linear Technology LT3010 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
21
LT1766/LT1766-5
1766fa
APPLICATIO S I FOR ATIO
VC control voltage to the point where some sort of cycle-
skipping or odd/even cycle behavior is exhibited.
In summary:
1. Be aware that the simultaneous requirements of high
VIN, high IOUT and high fOSC may not be achievable in
practice due to internal dissipation. The Thermal Con-
siderations section offers a basis to estimate internal
power. In questionable cases a prototype supply should
be built and exercised to verify acceptable operation.
2. The simultaneous requirements of high VIN, low VOUT
and high fOSC can result in an unacceptably short
minimum switch on time. Cycle skipping and/or odd/
even cycle behavior will result although correct output
voltage is usually maintained.
FREQUENCY COMPENSATION
Before starting on the theoretical analysis of frequency
response, the following should be remembered—the worse
the board layout, the more difficult the circuit will be to
stabilize. This is true of almost all high frequency analog
circuits, read the Layout Considerations section first.
Common layout errors that appear as stability problems
are distant placement of input decoupling capacitor and/
or catch diode, and connecting the VC compensation to a
ground track carrying significant switch current. In addi-
tion, the theoretical analysis considers only first order
non-ideal component behavior. For these reasons, it is
important that a final stability check is made with produc-
tion layout and components.
The LT1766 uses current mode control. This alleviates
many of the phase shift problems associated with the
inductor. The basic regulator loop is shown in Figure 10.
The LT1766 can be considered as two gm blocks, the error
amplifier and the power stage.
Figure 11 shows the overall loop response. At the VC pin,
the frequency compensation components used are:
RC = 2.2k, CC = 0.022µF and CF = 220pF. The output
capacitor used is a 100
µF, 10V tantalum capacitor with
typical ESR of 100m
Ω.
The ESR of the tantalum output capacitor provides a useful
zero in the loop frequency response for maintaining stabil-
ity. This ESR, however, contributes significantly to the
ripple voltage at the output (see Output Ripple Voltage in
the Applications Section). It is possible to reduce capaci-
tor size and output ripple voltage by replacing the tantalum
output capacitor with a ceramic output capacitor because
of its very low ESR. The zero provided by the tantalum
output capacitor must now be reinserted back into the
loop. Alternatively there may be cases where, even with
the tantalum output capacitor, an additional zero is re-
quired in the loop to increase phase margin for improved
transient response.
A zero can be added into the loop by placing a resistor, RC,
at the VC pin in series with the compensation capacitor, CC
or by placing a capacitor, CFB, between the output and the
FB pin.
FREQUENCY (Hz)
80
60
40
20
0
–20
–40
180
150
120
90
60
30
0
1766 F11
GAIN
PHASE
10
VIN = 42V
VOUT = 5V
ILOAD = 500mA
COUT = 100µF, 10V, 0.1Ω
1k
10k
1M
100
100k
RC = 2.2k
CC = 22nF
CF = 220pF
Figure 11. Overall Loop Response
1.22V
VSW
VC
LT1766
GND
1766 F10
R1
OUTPUT
ESR
CF
CC
RC
RO
200k
ERROR
AMPLIFIER
FB
R2
C1
RLOAD
CURRENT MODE
POWER STAGE
gm = 2mho
gm =
2000
µmho
+
TANTALUM
CFB
CERAMIC
ESL
C1
Figure 10. Model for Loop Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com