Electronic Components Datasheet Search
  English  ▼

X  

LTC3412 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC3412
Description  Step-Down Switching Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3412 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC3412 Datasheet HTML 2Page - Linear Technology LTC3412 Datasheet HTML 3Page - Linear Technology LTC3412 Datasheet HTML 4Page - Linear Technology LTC3412 Datasheet HTML 5Page - Linear Technology LTC3412 Datasheet HTML 6Page - Linear Technology LTC3412 Datasheet HTML 7Page - Linear Technology LTC3412 Datasheet HTML 8Page - Linear Technology LTC3412 Datasheet HTML 9Page - Linear Technology LTC3412 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
6
LT1766/LT1766-5
1766fa
VIN (Pin 4): This is the collector of the on-chip power NPN
switch. VIN powers the internal control circuitry when a
voltage on the BIAS pin is not present. High dI/dt edges
occur on this pin during switch turn on and off. Keep the
path short from the VIN pin through the input bypass
capacitor, through the catch diode back to SW. All trace
inductance on this path will create a voltage spike at switch
off, adding to the VCE voltage across the internal NPN.
BOOST (Pin 6): The BOOST pin is used to provide a drive
voltage, higher than the input voltage, to the internal
bipolar NPN power switch. Without this added voltage, the
typical switch voltage loss would be about 1.5V. The
additional BOOST voltage allows the switch to saturate
and voltage loss approximates that of a 0.2
Ω FET struc-
ture, but with much smaller die area.
BIAS (Pin 10): The BIAS pin is used to improve efficiency
when operating at higher input voltages and light load
current. Connecting this pin to the regulated output volt-
age forces most of the internal circuitry to draw its
operating current from the output voltage rather than the
input supply. This architecture increases efficiency espe-
cially when the input voltage is much higher than the
output. Minimum output voltage setting for this mode of
operation is 3V.
VC (Pin 11) The VC pin is the output of the error amplifier
and the input of the peak switch current comparator. It is
normally used for frequency compensation, but can also
serve as a current clamp or control loop override. VC sits
at about 0.9V for light loads and 2.1V at maximum load. It
can be driven to ground to shut off the regulator, but if
driven high, current must be limited to 4mA.
PI FU CTIO S
FB/SENSE (Pin 12): The feedback pin is used to set the
output voltage using an external voltage divider that gen-
erates 1.22V at the pin for the desired output voltage. The
5V fixed output voltage parts have the divider included on
the chip and the FB pin is used as a SENSE pin, connected
directly to the 5V output. Three additional functions are
performed by the FB pin. When the pin voltage drops
below 0.6V, switch current limit is reduced and the exter-
nal SYNC function is disabled. Below 0.8V, switching
frequency is also reduced. See Feedback Pin Functions in
Applications Information for details.
SYNC (Pin 14): The SYNC pin is used to synchronize the
internal oscillator to an external signal. It is directly logic
compatible and can be driven with any signal between
10% and 90% duty cycle. The synchronizing range is
equal to initial operating frequency up to 700kHz. See
Synchronizing in Applications Information for details.
SHDN (Pin 15): The SHDN pin is used to turn off the
regulator and to reduce input drain current to a few
microamperes. This pin has two thresholds: one at 2.38V
to disable switching and a second at 0.4V to force com-
plete micropower shutdown. The 2.38V threshold func-
tions as an accurate undervoltage lockout (UVLO);
sometimes used to prevent the regulator from delivering
power until the input voltage has reached a predetermined
level.
If the SHDN pin functions are not required, the pin can
either be left open (to allow an internal bias current to lift
the pin to a default high state) or be forced high to a level
not to exceed 6V.
BLOCK DIAGRA
The LT1766 is a constant frequency, current mode buck
converter. This means that there is an internal clock and
two feedback loops that control the duty cycle of the power
switch. In addition to the normal error amplifier, there is a
current sense amplifier that monitors switch current on a
cycle-by-cycle basis. A switch cycle starts with an oscilla-
tor pulse which sets the RS flip-flop to turn the switch on.
When switch current reaches a level set by the inverting
input of the comparator, the flip-flop is reset and the
switch turns off. Output voltage control is obtained by
using the output of the error amplifier to set the switch
current trip point. This technique means that the error
amplifier commands current to be delivered to the output
rather than voltage. A voltage fed system will have low
phase shift up to the resonant frequency of the inductor
and output capacitor, then an abrupt 180
° shift will occur.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com