Electronic Components Datasheet Search
  English  ▼

X  

LT1361 Datasheet(PDF) 14 Page - Linear Technology

Part # LT1361
Description  Dual 500mA, Differential xDSL Line Driver in 28-Lead TSSOP Package
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1361 Datasheet(HTML) 14 Page - Linear Technology

Back Button LT1361 Datasheet HTML 8Page - Linear Technology LT1361 Datasheet HTML 9Page - Linear Technology LT1361 Datasheet HTML 10Page - Linear Technology LT1361 Datasheet HTML 11Page - Linear Technology LT1361 Datasheet HTML 12Page - Linear Technology LT1361 Datasheet HTML 13Page - Linear Technology LT1361 Datasheet HTML 14Page - Linear Technology LT1361 Datasheet HTML 15Page - Linear Technology LT1361 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
14
LT6301
sn6301 6301f
APPLICATIO S I FOR ATIO
from the line is sensed across the back termination resis-
tors. With positive feedback, signals are present on both
ends of the RBT resistors, reducing the sensed amplitude.
Extra gain may be required in the receive channel to
compensate, or a completely separate receive path may be
implemented through a separate line coupling transformer.
Considerations for Fault Protection
The basic line driver design, shown on the front page of
this data sheet, presents a direct DC path between the
outputs of the two amplifiers. An imbalance in the DC
biasing potentials at the noninverting inputs through
either a fault condition or during turn-on of the system can
create a DC voltage differential between the two amplifier
outputs. This condition can force a considerable amount
of current to flow as it is limited only by the small valued
back-termination resistors and the DC resistance of the
transformer primary. This high current can possibly cause
the power supply voltage source to drop significantly
impacting overall system performance. If left unchecked,
the high DC current can heat the LT6301 to thermal
shutdown.
Using DC blocking capacitors, as shown in Figure 15, to
AC couple the signal to the transformer eliminates the
possibility for DC current to flow under any conditions.
These capacitors should be sized large enough to not
impair the frequency response characteristics required for
the data transmission.
Another important fault related concern has to do with
very fast high voltage transients appearing on the tele-
phone line (lightning strikes for example). TransZorbs
®,
varistors and other transient protection devices are often
used to absorb the transient energy, but in doing so also
create fast voltage transitions themselves that can be
coupled through the transformer to the outputs of the line
driver. Several hundred volt transient signals can appear
at the primary windings of the transformer with current
into the driver outputs limited only by the back termination
resistors. While the LT6301 has clamps to the supply rails
at the output pins, they may not be large enough to handle
the significant transient energy. External clamping diodes,
such as BAV99s, at each end of the transformer primary
help to shunt this destructive transient energy away from
the amplifier outputs.
TransZorb is a registered trademark of General Instruments, GSI
Figure 15. Protecting the Driver Against Load Faults and Line Transients
6301 F15
+
–
1/4
LT6301
–IN
–
+
1/4
LT6301
+IN
12V
SHDN
–12V
12.7
Ω
0.1
µF
12V –12V
24.9k
1:2
LINE
LOAD
110
Ω
1000pF
110
Ω
1k
1k
12.7
Ω
SHDNREF
0.1
µF
12V –12V
BAV99
BAV99



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com