Electronic Components Datasheet Search
  English  ▼

X  

LT6203 Datasheet(PDF) 14 Page - Linear Technology

Part # LT6203
Description  Single/Dual Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6203 Datasheet(HTML) 14 Page - Linear Technology

Back Button LT6203 Datasheet HTML 8Page - Linear Technology LT6203 Datasheet HTML 9Page - Linear Technology LT6203 Datasheet HTML 10Page - Linear Technology LT6203 Datasheet HTML 11Page - Linear Technology LT6203 Datasheet HTML 12Page - Linear Technology LT6203 Datasheet HTML 13Page - Linear Technology LT6203 Datasheet HTML 14Page - Linear Technology LT6203 Datasheet HTML 15Page - Linear Technology LT6203 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
14
LT1818/LT1819
18189f
S5 Package
5-Lead Plastic SOT-23
(Reference LTC DWG # 05-08-1633)
PACKAGE DESCRIPTIO
1.50 – 1.75
(NOTE 4)
2.60 – 3.00
0.25 – 0.50
TYP 5 PLCS
NOTE 3
DATUM ‘A’
0.09 – 0.20
(NOTE 3)
S5 SOT-23 0502
PIN ONE
2.80 – 3.10
(NOTE 4)
0.95 BSC
1.90 BSC
0.90 – 1.30
0.90 – 1.45
0.00 – 0.15
0.20 BSC
0.35 – 0.55 REF
NOTE:
1. DIMENSIONS ARE IN MILLIMETERS
2. DRAWING NOT TO SCALE
3. DIMENSIONS ARE INCLUSIVE OF PLATING
4. DIMENSIONS ARE EXCLUSIVE OF MOLD FLASH AND METAL BURR
5. MOLD FLASH SHALL NOT EXCEED 0.254mm
6. PACKAGE EIAJ REFERENCE IS SC-74A (EIAJ)
ATTENTION: ORIGINAL SOT23-5L PACKAGE.
MOST SOT23-5L PRODUCTS CONVERTED TO THIN SOT23
PACKAGE, DRAWING # 05-08-1635 AFTER APPROXIMATELY
APRIL 2001 SHIP DATE
3.85 MAX
0.62
MAX
0.95
REF
RECOMMENDED SOLDER PAD LAYOUT
PER IPC CALCULATOR
1.4 MIN
2.62 REF
1.22 REF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com