Electronic Components Datasheet Search
  English  ▼

X  

LT1963A Datasheet(PDF) 6 Page - Linear Technology

Part # LT1963A
Description  Low Dropout Negative Micropower Regulator in ThinSOT
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1963A Datasheet(HTML) 6 Page - Linear Technology

Back Button LT1963A Datasheet HTML 2Page - Linear Technology LT1963A Datasheet HTML 3Page - Linear Technology LT1963A Datasheet HTML 4Page - Linear Technology LT1963A Datasheet HTML 5Page - Linear Technology LT1963A Datasheet HTML 6Page - Linear Technology LT1963A Datasheet HTML 7Page - Linear Technology LT1963A Datasheet HTML 8Page - Linear Technology LT1963A Datasheet HTML 9Page - Linear Technology LT1963A Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
LT1964
6
1964f
TEMPERATURE (
°C)
60
58
56
54
52
50
48
46
44
1964 G19
VIN = VOUT(NOMINAL) – 1V +
0.5VP-P RIPPLE AT f = 120Hz
IL = –200mA
–50
–25
0
25
50
75
100
125
TEMPERATURE (
°C)
–3.0
–2.5
–2.0
–1.5
–1.0
–0.5
0
1964 G20
NOTE: THE MINIMUM INPUT VOLTAGE
ACCOUNTS FOR THE OPERATING
THRESHOLD OF THE SHDN PIN WHICH
IS TIED TO THE IN PIN INTERNALLY
IL = –200mA
IL = –1mA
–50
–25
0
25
50
75
100
125
TEMPERATURE (
°C)
–3.0
–2.5
–2.0
–1.5
–1.0
–0.5
0
1964 G21
IL = –200mA
IL = –1mA
–50
–25
0
25
50
75
100
125
NOTE: THE SHDN PIN THRESHOLD
MUST BE MET TO ENSURE
DEVICE OPERATION
TEMPERATURE (
°C)
30
25
20
15
10
5
0
1964 G22
LT1964-5
LT1964-BYP, LT1964-SD
IL = –1mA TO –200mA
–50
–25
0
25
50
75
100
125
FREQUENCY (Hz)
0.1
1
10
1k
10k
100k
1964 G23
0.01
100
10
COUT = 10µF
IL = 200mA
CBYP = 1000pF CBYP = 100pF
CBYP = 0
LT1964-5
LT1964-BYP
CBYP = 0.01µF
CBYP (pF)
10
140
120
100
80
60
40
20
0
100
1k
10k
1964 G24
COUT = 10µF
IL = –200mA
f = 10Hz TO 100kHz
LT1964-BYP
LT1964-5
140
120
100
80
60
40
20
0
LOAD CURRENT (mA)
–0.01
1964 G25
COUT = 10µF
CBYP = 0.01µF
LT1964-5
LT1964-BYP
LT1964-5
LT1964-BYP,
LT1964-SD
CBYP = 0
–1
–10
–1k
–0.1
–100
TYPICAL PERFOR A CE CHARACTERISTICS
Input Ripple Rejection
LT1964-BYP
Minimum Input Voltage
LT1964-SD
Minimum Input Voltage
Load Regulation
Output Noise Spectral Density
RMS Output Noise vs Bypass
Capacitor
RMS Output Noise vs Load
Current
LT1964-5, 10Hz to 100kHz Output
Noise, CBYP = 0
LT1964-5, 10Hz to 100kHz Output
Noise, CBYP = 100pF
COUT = 10µF
1ms/DIV
1964 G26 t f
ILOAD = –200mA
COUT = 10µF
1ms/DIV
1964 G27 tif
ILOAD = –200mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com