Electronic Components Datasheet Search
  English  ▼

X  

LT5503 Datasheet(PDF) 5 Page - Linear Technology

Part # LT5503
Description  800MHz to 1.5GHz Direct Conversion Quadrature Demodulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5503 Datasheet(HTML) 5 Page - Linear Technology

  LT5503 Datasheet HTML 1Page - Linear Technology LT5503 Datasheet HTML 2Page - Linear Technology LT5503 Datasheet HTML 3Page - Linear Technology LT5503 Datasheet HTML 4Page - Linear Technology LT5503 Datasheet HTML 5Page - Linear Technology LT5503 Datasheet HTML 6Page - Linear Technology LT5503 Datasheet HTML 7Page - Linear Technology LT5503 Datasheet HTML 8Page - Linear Technology LT5503 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
LT5516
5
5516f
TYPICAL PERFOR A CE CHARACTERISTICS
RF INPUT FREQUENCY (MHz)
800
900
1000 1100 1200 1300 1400 1500
5516 G06
6
4
2
0
–2
–4
–6
PLO = –10dBm
fBB = 1MHz
VCC = 5V
R1 = 8.2
Ω
TA = – 40°C
TA = 85°C
TA = 25°C
LO INPUT POWER (dBm)
–14
–12
–10
–8
–6
–4
–2
5516 G07
18
16
14
12
10
8
6
4
fRF = 1300MHz
fRF = 1100MHz
fRF = 900MHz
TA = 25°C
VCC = 5V
R1 = 8.2
Ω
LO INPUT POWER (dBm)
–14
–12
–10
–8
–6
–4
–2
5516 G08
20
16
12
8
4
0
fLO = 901MHz
VCC = 5V
R1 = 8.2
Ω
TA = – 40°C
TA = 85°C
TA = – 40°C
TA = 85°C
TA = 25°C
TA = 25°C
IIP3
CONV GAIN
LO INPUT POWER (dBm)
–14
–12
–10
–8
–6
–4
–2
5516 G09
70
65
60
55
50
45
40
35
30
fLO = 901MHz
VCC = 5V
R1 = 8.2
Ω
TA = – 40°C
TA = 85°C
TA = 25°C
SUPPLY VOLTAGE (V)
4
4.5
5
5.5
5516 G10
20
16
12
8
4
0
fLO = 901MHz
PLO = –10dBm
R1 = 8.2
Ω
TA = – 40°C
TA = 85°C
TA = – 40°C
TA = 85°C
TA = 25°C
IIP3
CONV GAIN
TA = 25°C
IIP2 vs LO Input Power
Conv Gain, IIP3 vs Supply Voltage
I/Q Phase Mismatch vs
RF Input Frequency
NF vs LO Input Power
Conv Gain, IIP3 vs LO Input Power
(Test circuit optimized for 900MHz operation as shown in Figure 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com