Electronic Components Datasheet Search
  English  ▼

X  

LTC5505 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC5505
Description  800MHz to 1.5GHz Direct Conversion Quadrature Demodulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC5505 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC5505 Datasheet HTML 2Page - Linear Technology LTC5505 Datasheet HTML 3Page - Linear Technology LTC5505 Datasheet HTML 4Page - Linear Technology LTC5505 Datasheet HTML 5Page - Linear Technology LTC5505 Datasheet HTML 6Page - Linear Technology LTC5505 Datasheet HTML 7Page - Linear Technology LTC5505 Datasheet HTML 8Page - Linear Technology LTC5505 Datasheet HTML 9Page - Linear Technology LTC5505 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
LT5516
6
5516f
TYPICAL PERFOR A CE CHARACTERISTICS
FREQUENCY (GHz)
0
0.5
1
1.5
2
2.5
5516 G13
0
–5
–10
–15
–20
–25
–30
TA = 25°C
VCC = 5V
R1 = 8.2
Ω
RF
LO
8
6
4
2
0
–2
–4
BASEBAND FREQUENCY (MHz)
0.1
1
10
100
1000
5516 G14
TA = – 40°C
TA = 85°C
TA = 25°C
fLO = 1000MHz
VCC = 5V
R1 = 8.2
Ω
LO INPUT POWER (dBm)
–14
–12
–10
–8
–6
–4
–2
5516 G11
–55
–60
–65
–70
–75
–80
fRF = 900MHz
fRF = 1300MHz
fRF = 1100MHz
TA = 25°C
VCC = 5V
R1 = 8.2
Ω
RF INPUT POWER (dBm)
–15
–10
–5
0
5
10
5516 G12
80
70
60
50
40
30
20
fRF = 900MHz
fRF = 1300MHz
fRF = 1100MHz
TA = 25°C
VCC = 5V
R1 = 8.2
Ω
Conv Gain vs Baseband Frequency
LO-RF Leakage vs LO Input Power
RF-LO Isolation vs RF Input Power
RF, LO Port Return Loss vs
Frequency
(Test circuit optimized for 900MHz operation as shown in Figure 2)
Conv Gain, NF, IIP3 vs R1
Supply Current, IIP2 vs R1
R1 (
Ω)
3
0
5
10
15
20
25
4
56
7
5516 G15
89
TA = 25°C
VCC = 5V
PLO = –5dBm
fLO = 901MHz
IIP3
NF
CONV GAIN
R1 (
Ω)
3
30
50
70
90
110
150
130
4
56
7
5516 G16
89
TA = 25°C
VCC = 5V
PLO = –5dBm
fLO = 901MHz
SUPPLY CURRENT
IIP2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com