Electronic Components Datasheet Search
  English  ▼

X  

PT4313 Datasheet(PDF) 2 Page - Texas Instruments

Part # PT4313
Description  6-W Low-Profile Dual-Output Isolated DC-DC Converter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PT4313 Datasheet(HTML) 2 Page - Texas Instruments

  PT4313 Datasheet HTML 1Page - Texas Instruments PT4313 Datasheet HTML 2Page - Texas Instruments PT4313 Datasheet HTML 3Page - Texas Instruments PT4313 Datasheet HTML 4Page - Texas Instruments PT4313 Datasheet HTML 5Page - Texas Instruments PT4313 Datasheet HTML 6Page - Texas Instruments PT4313 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
For technical support and more information, see inside back cover or visit www.ti.com
PT4310 Series —48V
6-W Low-Profile Dual-Output
Isolated DC-DC Converter
Specifications (Unless otherwise stated, Ta =25°C, Vin =53V, Cout =0µF, and Io1 = Io2 =Iotyp)
PT4310 SERIES
Characteristic
Symbol
Conditions
Min
Typ
Max
Units
Ouput Power
Po(tot)
——6
W
Output Current
Io1, Io2 (2)
Over Vin range
Each output
PT4311 ( ±5V)
0.2 (3)
0.6
1.0
A
PT4313 (±12V)
0.05 (3)
0.25
0.45
Io1 + Io2 (2)
Total, both outputs
PT4311
0.4
—
1.2
A
PT4313
0.1
—
0.5
Input Voltage Range
Vin
Over Io(tot) range
38.0
—
75.0
V
Set Point Voltage
Vo1, Vo2 (2)
PT4311
4.95
5.05
5.15
V
PT4313
11.85
12
12.15
mV
Temperature Variation
Regtemp
–40° >Ta > +85°C
PT4311
—
±0.5
—
%Vo
PT4313
—
±1
—
Line Regulation
Regline
Over Vin range
—
±25
±40
mV
Load Regulation
Regload
Io1 =0.6A, 0.2A ≤ Io2 ≤ 0.6A
PT4311
—
100
150
mV
Io1 =0.25A, 0.05A ≤ Io2 ≤ 0.25A
PT4313
—
250
350
Total Output Voltage Variation
∆Votot
Over Vin range and load limits
PT4311
—
±5
—
%Vo
–40° >Ta > +85°C
PT4313
—
±4
—
No-load Output Voltage
Vo(no-load)
Io1 =Io2 = 0
PT4311
—
5.4
5.9
V
PT4313
—
12.7
17
Efficiency
η
PT4311
—
82
—
%
PT4313
—
85
—
Vo Ripple (pk-pk)
Vr
20MHz bandwidth
PT4311
—
50
100
mVpp
PT4313
—
90
150
Transient Response
ttr
20%
≤ Io2 ≤ 75%Iotyp, with 25%load step
—
200
—
µs
∆Vtr
Vo over/undershoot
PT4311
—
±75
—
mV
PT4313
—
±200
—
Current Limit Threshold
ILim
Over Vin range,∆Vo =10%Vonom—
2.5
—
A
Short Circuit Current
Isc
—
1.0
—
A
Inrush Current
Iir
On start-up
—
0.5
—
A
tir
—
1.0
—
ms
Switching Frequency
ƒo
Over Vin range
400
—
520
kHz
Under-Voltage Lockout
UVLO
—
36
—
V
Remote On/Off (Pin 11)
VIH
Referenced to –Vin (pin 17)
5.0
—
Open (4)
V
Input Requirements
VIL
–0.1
—
+1.0
IIL
—
–0.2
–
mA
Standby Input Current
Iin standby
pins 11 & 17 connected
—
10
—
mA
Internal Input Capacitance
Cin
—1
—µF
External Output Capacitance
Cout
Total across both outputs
PT4311
0
—
120
(5)
µF
PT4313
0
—
47
(5)
Isolation Voltage
Input - output
1500
—
—
V
Capacitance
—
1100
—
pF
Resistance
10
——M
Ω
Maximum Operating
Ta
Over Vin range
-40
—
+85 (6)
°C
Temperature Range
Storage Temperature
Ts
—
-40
—
+125
°C
Reliability
MTBF
Per Bellcore TR-332
4.0
—
—
106 Hrs
50% stress, Ta =40°C, ground benign
Mechanical Shock
—
Per Mil-Std-883D, method 2002.3,
—
TBD
—
G’s
1mS, half-sine, mounted to a fixture
Mechanical Vibration
—
Per Mil-Std-883D, method 2007.2,
—
TBD
—
G’s
20-2000Hz, soldered in a PC board
Weight
—
—
—
10
—
grams
Flammability
—
Materials meet UL 94V-0
Notes:
(1) The adjustment of the output voltage for the PT4310 series is different than the PT4300 series.
(2) Vo1 & Vo2 may refer to +Vout and –Vout, or –Vout and +Vout respectively. The specification limits are quoted absolute.
(3) The DC/DC converter will operate at no load with reduced specifications. See “No-load Output Voltage” specification.
(4) The Remote On/Off (pin 11) has an internal pull-up. If the pin is left open the module will operate when input power is applied. Refer to the application
notes for interface considerations.
(5) Output capacitors are not required for proper operation. If added, Oscon® or tantalum types are recommended for operation below 0°C ambient.
(6) See Safe Operating Area curves or contact the factory for the appropriate derating.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com