Electronic Components Datasheet Search
  English  ▼

X  

LTC5508 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC5508
Description  800MHz to 1.5GHz Direct Conversion Quadrature Demodulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC5508 Datasheet(HTML) 4 Page - Linear Technology

  LTC5508 Datasheet HTML 1Page - Linear Technology LTC5508 Datasheet HTML 2Page - Linear Technology LTC5508 Datasheet HTML 3Page - Linear Technology LTC5508 Datasheet HTML 4Page - Linear Technology LTC5508 Datasheet HTML 5Page - Linear Technology LTC5508 Datasheet HTML 6Page - Linear Technology LTC5508 Datasheet HTML 7Page - Linear Technology LTC5508 Datasheet HTML 8Page - Linear Technology LTC5508 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
LT5516
4
5516f
TYPICAL PERFOR A CE CHARACTERISTICS
I/Q Output Power, IM3 vs
RF Input Power
I/Q Gain Mismatch vs
RF Input Frequency
Supply Current vs Supply Voltage
Conv Gain, NF, IIP3 vs
RF Input Frequency
IIP2 vs RF Input Frequency
SUPPLY VOLTAGE (V)
4
4.5
5
5.5
5516 G01
160
140
120
100
80
60
40
TA = 85°C
R1 = 8.2
Ω
TA = 25°C
TA = – 40°C
RF INPUT FREQUENCY (MHz)
800
900
1000
1100
1200
1300
5516 G02
25
20
15
10
5
0
PLO = –10dBm
TA = 25°C
VCC = 5V
R1 = 8.2
Ω
IIP3
NF
CONV. GAIN
RF INPUT FREQUENCY (MHz)
800
900
1000
1100
1200
1300
5516 G03
70
60
50
40
30
20
PLO = –10dBm
TA = 25°C
VCC = 5V
R1 = 8.2
Ω
RF INPUT POWER (dBm)
–18
–14
–10
–6
–2
26
5516 G04
20
0
–20
–40
–60
–80
–100
TA = 85°C
TA = – 40°C
fLO = 901MHz
VCC = 5V
R1 = 8.2
Ω
OUTPUT POWER
IM3
TA = 25°C
RF INPUT FREQUENCY (MHz)
800
900
1000 1100 1200 1300 1400 1500
5516 G05
1.2
0.8
0.4
0
–0.4
–0.8
–1.2
PLO = –10dBm
fBB = 1MHz
VCC = 5V
R1 = 8.2
Ω
TA = 25°C
TA = – 40°C
TA = 85°C
(Test circuit optimized for 900MHz operation as shown in Figure 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com