Electronic Components Datasheet Search
  English  ▼

X  

RG4J Datasheet(PDF) 2 Page - Vishay Siliconix

Part # RG4J
Description  Fast Sinterglass Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RG4J Datasheet(HTML) 2 Page - Vishay Siliconix

  RG4J Datasheet HTML 1Page - Vishay Siliconix RG4J Datasheet HTML 2Page - Vishay Siliconix RG4J Datasheet HTML 3Page - Vishay Siliconix RG4J Datasheet HTML 4Page - Vishay Siliconix RG4J Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.vishay.com
2
Document Number 86076
Rev. 2, 28-Jan-03
VISHAY
RG4A to RG4J
Vishay Semiconductors
Maximum Thermal Resistance
Tamb = 25 °C, unless otherwise specified
1) Thermal resistance from junction to ambient at 0.375 " (9.5 mm) lead length, with both leads attached to heat sink
Electrical Characteristics
Tamb = 25 °C, unless otherwise specified
Typical Characteristics (Tamb = 25 °C unless otherwise specified)
Parameter
Symbol
Value
Unit
Typical thermal resistance 1)
RθJA
22
K/W
Parameter
Test condition
Part
Symbol
Typ.
Max
Unit
Maximum instantaneous forward
voltage
IF = 3.0 A
VF
1.3
V
Maximum reverse current
VR = VRRM
IR
5.0
µA
Maximum reverse recovery time
IF = 0.5 A, IR = 1.0 A, Irr = 0.25 A
RG4A
trr
150
ns
IF = 0.5 A, IR = 1.0 A, Irr = 0.25 A
RG4B
trr
150
ns
IF = 0.5 A, IR = 1.0 A, Irr = 0.25 A
RG4D
trr
150
ns
IF = 0.5 A, IR = 1.0 A, Irr = 0.25 A
RG4G
trr
150
ns
IF = 0.5 A, IR = 1.0 A, Irr = 0.25 A
RG4J
trr
250
ns
Typical junction capacitance
VR = 4.0 V, f = 1 MHz
CJ
50
pF
Figure 1. Forward Current Derating Curve
Ambient Temperature (
°C)
0
25
50
75
100
125
150
175
0
1.0
2.0
3.0
4.0
0.375" (9.5mm) Lead Length
Resistive or Inductive Load
grg4a_01
Figure 2. Maximum Non-Repetitive Peak Forward Surge Current
Number of Cycles at 60 HZ
100
200
10
1
10
100
TA =55
°C
8.3ms Single Half Sine-Wave
(JEDEC Method)
grg4a_02



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com